M2RS-5E-R
AI

The **M2RS-5E-R** is a specific model of an **Industrial Slim Plug-in Relay** (often associated with brands like IDEC or similar manufacturers in the automation space). It is designed for high-density mounting on DIN rails or PCBs, primarily used for switching signals or power in control panels.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Slim Interface Relay |
| **Contact Configuration** | 1PDT (1 Form C) |
| **Contact Material** | AgSnO2 (Silver Tin Oxide) |
| **Rated Load (Resistive)** | 250V AC / 6A or 30V DC / 6A |
| **Coil Voltage** | 5V DC |
| **Mounting Style** | Plug-in (compatible with sockets) or PCB |
| **Environmental Protection** | RTIII (Wash-tight) |
---
### 2. Breakdown of Electronic Components
The M2RS-5E-R consists of several critical internal and external parts:
#### A. The Electromagnetic Coil
The "5E" in the part number typically signifies a **5V DC** operating voltage.
* **Function:** When current flows through the copper windings, it creates a magnetic field.
* **Sensitivity:** Designed for low power consumption, making it suitable for direct drive from microcontrollers or PLC output cards.
#### B. Contact System (SPDT/1 Form C)
This part handles the actual switching of the load.
* **Common (COM):** The moving part of the switch.
* **Normally Closed (NC):** Connected to COM when the coil is de-energized.
* **Normally Open (NO):** Connects to COM when the coil is energized.
* **Material:** The use of Silver Tin Oxide helps prevent contact welding and provides better endurance against inrush currents.
#### C. Mechanical Structure
* **Slim Housing:** Usually only 6mm wide. This allows for significant space saving in electrical cabinets.
* **Pins:** Reinforced pins designed for secure insertion into a socket (like the SM2S series) or direct soldering onto a circuit board.
---
### 3. Connection Diagram Logic
```mermaid
graph LR
A[Coil Input +] --- B(Electromagnet)
C[Coil Input -] --- B
D[Common Terminal] -.-> E[NC Terminal]
B -- Magnetic Force --> D
D -- Switches to --> F[NO Terminal]
```
---
### 4. Common Applications
1. **PLC Interface:** Acts as a buffer between sensitive PLC outputs and heavy industrial loads.
2. **Signal Isolation:** Protects control circuits from high-voltage spikes on the load side.
3. **Space-Constrained Panels:** Used where traditional "ice cube" relays are too bulky.
---
- ⤷
What is the maximum switching frequency for the M2RS-5E-R?
- ⤷ Which DIN rail sockets are compatible with this specific relay?
- ⤷ Does this model include a built-in LED indicator or protection diode?