M2RS-5Z-R2/N
AI

The **M2RS-5Z-R2/N** is a specific model of an **Industrial Interface Relay** or **Slim Relay**, commonly used in automation control panels for signal isolation and switching. Below is a detailed breakdown of its electronic components and specifications.
---
### 1. Technical Specifications Overview
This relay is designed for high-density mounting on DIN rails, typically used to bridge the gap between a PLC (Programmable Logic Controller) and high-power actuators.
| Feature | Specification Details |
| :--- | :--- |
| **Relay Type** | Electromechanical Interface Relay |
| **Contact Form** | 1 Changeover (SPDT - Single Pole Double Throw) |
| **Rated Voltage** | 24V DC (Standard for the R2/N series) |
| **Switching Current** | Up to 6A (Typical for slim series) |
| **Mounting Style** | 35mm DIN Rail |
| **Indicator** | Built-in LED Status Indicator |
| **Protection** | Built-in Free-wheeling Diode (for EMF protection) |
---
### 2. Core Electronic Components
The device consists of three main functional blocks:
#### A. The Coil (Input Side)
* **Electromagnet:** When 24V DC is applied, current flows through a copper coil, creating a magnetic field.
* **Protection Diode:** To prevent high-voltage spikes (back-EMF) from damaging the driving PLC output when the coil is turned off, a flyback diode is integrated across the coil terminals.
* **LED Circuit:** A small resistor and LED are wired in parallel with the coil to provide visual feedback of the "Active" state.
#### B. The Contacts (Output Side)
* **Movable Armature:** A mechanical lever moved by the electromagnet.
* **Contact Material:** Usually Silver Alloy (AgSnO2) for high conductivity and resistance to "welding" under electrical arcs.
* **SPDT Configuration:**
* **COM (Common)**
* **NO (Normally Open):** Closes when the coil is energized.
* **NC (Normally Closed):** Opens when the coil is energized.
#### C. The Socket/Base
* **Terminals:** Screw or Push-in terminals for wiring.
* **Isolation Barrier:** High-quality plastic housing that ensures galvanic isolation between the low-voltage control side (input) and the high-voltage load side (output).
---
### 3. Key Features of the "R2/N" Variant
* **Mechanical Actuator/Test Button:** Often, the "R" designation in these series indicates a manual test lever that allows technicians to simulate an "ON" state without electrical power.
* **Polarity Protection:** The "N" usually signifies a specific pinout or polarity arrangement (Negative/Neutral commonality) designed for NPN or PNP logic compatibility.
---
### 4. Typical Applications
1. **Galvanic Isolation:** Protecting expensive PLC CPUs from power surges on the field side.
2. **Current Amplification:** Using a 10mA PLC output to drive a 5A motor starter or solenoid valve.
3. **Voltage Level Shifting:** Using a 24V DC signal to switch a 230V AC load.
- ⤷
What is the maximum switching frequency for this relay model?
- ⤷ Can this relay be used for switching inductive loads like motors?
- ⤷ What are the differences between the screw terminal and push-in terminal versions of this series?