M2RS-C1-R2/N
AI

The **M2RS-C1-R2/N** is a specific model of an **Ultra-Slim Plug-in Signal Conditioner** (Isolator) manufactured by **M-System**. It is designed to receive a DC input signal and provide a standard isolated DC output.
Below is a breakdown of its electronic specifications and characteristics.
---
### 1. Model Code Breakdown
The model name describes its specific hardware configuration:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **M2RS** | Series Name | Ultra-slim plug-in signal conditioner. |
| **C1** | Input Signal | 1 to 5V DC. |
| **R2** | Output Signal | 4 to 20mA DC. |
| **N** | Power Input | 24V DC. |
---
### 2. Key Electronic Specifications
The internal circuitry is designed for precision signal processing and galvanic isolation.
| Parameter | Specification |
| :--- | :--- |
| **Input Resistance** | 1 MΩ minimum (voltage input). |
| **Output Load Resistance** | 550 Ω maximum. |
| **Accuracy** | ±0.1% of span. |
| **Temp. Coefficient** | ±0.015%/°C (±0.008%/°F). |
| **Response Time** | ≤ 0.5 seconds (0 – 90%). |
| **Isolation** | 3-way isolation (input to output to power). |
| **Dielectric Strength** | 2000V AC @ 1 minute. |
---
### 3. Electronic Design Features
#### A. 3-Way Isolation
The device utilizes optical or magnetic coupling to separate the **Input**, **Output**, and **Power** circuits. This prevents ground loops, reduces noise interference, and protects sensitive PLC/DCS equipment from high-voltage surges on the field side.
#### B. Power Requirements
The "/N" variant operates on **24V DC** (allowable range 24V ±10%). It features low power consumption, typically around **0.8W**, which reduces heat buildup in high-density control panels.
#### C. Signal Conversion Logic
The internal electronics perform a linear conversion. Since the input is 1-5V and the output is 4-20mA, the transfer function is:
`Output (mA) = (Input (V) - 1) * 4 + 4`
---
### 4. Physical & Mounting Parts
* **Construction:** Slim-line plug-in structure.
* **Connection:** M3 screw terminals (nickel-plated steel).
* **Housing Material:** Flame-resistant resin (Black).
* **LED Indicator:** Typically includes a power LED to indicate the internal electronic status.
---
- ⤷
What are the wiring diagrams for the M2RS-C1-R2/N?
- ⤷ Does this model support DIN rail mounting?
- ⤷ What is the difference between the M2RS and the M2VS series?