M2RS-CZ-R2/UL
AI

The **M2RS-CZ-R2/UL** is a high-performance **Interposing Relay Terminal** (also known as a Relay Interface Module) manufactured by **M-System**. It is designed to bridge the gap between low-power control signals (from a PLC or DCS) and high-power field devices.
---
### 1. General Specifications
The module is designed for industrial environments requiring high reliability and galvanic isolation.
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2RS Series |
| **Input Channels** | 1 Channel |
| **Relay Type** | Electromagnetic Relay |
| **Mounting** | DIN Rail or Surface Mount |
| **Approvals** | UL/cUL (Listed for US and Canada), CE |
| **Termination** | Screw Terminals (M3.5) |
---
### 2. Electronic Component Breakdown
The "CZ-R2" suffix specifically identifies the input/output configuration and the power supply requirements.
#### A. Input (Control Side)
* **Signal Type:** Typically a logic-level voltage (e.g., 24V DC) from a controller.
* **Isolation:** Uses optical or magnetic isolation to protect the PLC/DCS from surges on the load side.
* **LED Indicator:** A built-in LED (typically green or red) provides a visual status of the coil excitation.
#### B. Output (Switching Side)
* **Contact Configuration:** **DPDT** (Double Pole Double Throw), denoted by the "R2" code. This means it has two independent sets of Form C contacts.
* **Contact Rating:** Usually rated for **250V AC @ 3A** or **30V DC @ 3A** (resistive load).
* **Mechanical Life:** Typically rated for 20 million operations; Electrical life approx. 100,000 operations at rated load.
#### C. Power Supply
* **Code "CZ":** This indicates a specific auxiliary power requirement. For the M2RS series, this usually corresponds to **24V DC** power supply for the internal circuitry.
---
### 3. Application Use Case
This device is primarily used as a buffer.
* **Logic Protection:** Prevents "back-EMF" or electrical noise from inductive loads (like motors or large solenoids) from damaging sensitive PLC output cards.
* **Signal Multiplier:** Since it has DPDT contacts, one single input signal can switch two separate, isolated circuits simultaneously.
* **Level Shifting:** Allows a 24V DC control signal to switch a 240V AC load.
---
### 4. Typical Wiring Diagram (Conceptual)
```text
[ PLC Output (+) ] ----> [ Term 1: Input (+) ]
[ PLC Common (-) ] ----> [ Term 2: Input (-) ]
[ Load A Power ] ----> [ Term 5: COM 1 ]
[ Device A ] ----> [ Term 6: N.O. 1 ]
[ Load B Power ] ----> [ Term 8: COM 2 ]
[ Device B ] ----> [ Term 9: N.O. 2 ]
```
---
- ⤷What are the specific environmental temperature ratings for the M2RS series?
- ⤷ Does this model support inductive loads without external snubber circuits?
- ⤷ What is the difference between the R2 and R5 contact configurations in M-System relays?