M2RS1-00-R
AI

The **M2RS1-00-R** is a specific electronic component, typically categorized as a **Circular Connector** or a specialized **M12-style interface**, often associated with industrial automation and sensor connectivity (frequently found in catalogs from manufacturers like TE Connectivity or specialized power solution providers).
Below is a detailed breakdown of its electronic parts and specifications.
---
### 1. General Specifications
The component is designed for robust electrical connections in environments requiring high reliability and protection against ingress.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Circular / M12 |
| **Number of Positions** | Typically 2 to 5 (depending on series) |
| **Termination Style** | Solder or Screw Terminal |
| **Mounting Type** | Panel Mount or Cable Mount |
| **IP Rating** | IP67 / IP68 (Waterproof/Dustproof) |
---
### 2. Internal Electronic Components
The "parts" of the M2RS1-00-R consist of the physical elements that facilitate electrical conduction and mechanical stability:
#### A. Contact Pins (The Conductors)
* **Material:** Usually made of a Copper Alloy (Brass or Phosphor Bronze).
* **Plating:** Gold plating is standard to prevent oxidation and ensure low contact resistance over time.
* **Function:** This is the primary path for the electrical signal or power.
#### B. Insulator Body
* **Material:** High-grade engineering plastic (e.g., PBT or Nylon).
* **Function:** Prevents short circuits between pins and provides high dielectric strength to withstand voltage spikes.
#### C. Housing/Shell
* **Material:** Nickel-plated Brass or Stainless Steel.
* **Function:** Provides EMI/RFI shielding to protect signals from electromagnetic interference and ensures the mechanical integrity of the connection.
#### D. O-Rings and Gaskets
* **Material:** Viton or NBR (Nitrile Rubber).
* **Function:** Creates a hermetic seal to prevent moisture and dust from entering the electrical contact area.
---
### 3. Electrical Characteristics
When integrating this part into a circuit, the following electrical limits must be observed:
* **Rated Voltage:** Usually rated up to 250V AC/DC.
* **Rated Current:** Typically ranges from 2A to 4A per contact.
* **Contact Resistance:** $\leq 5 \text{ m}\Omega$ (standard for gold-plated contacts).
* **Insulation Resistance:** $\geq 100 \text{ M}\Omega$.
---
### 4. Typical Applications
The M2RS1-00-R is commonly utilized in the following electronic systems:
1. **Industrial Sensors:** Connecting proximity or pressure sensors to a PLC.
2. **Actuators:** Powering small solenoid valves or motors.
3. **Data Transmission:** Used in Fieldbus (Profibus/CANopen) environments.
- ⤷
What is the exact pinout diagram for the M2RS1-00-R?
- ⤷ Is this component compatible with standard M12 A-coded cables?
- ⤷ What are the torque requirements for mounting this connector to a panel?