Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2RS1-00-R2

  • AI
    The **M2RS1-00-R2** is a specific electronic component, primarily identified as a high-performance **RF/Microwave Coaxial Switch** or part of a modular interface system (often associated with high-frequency testing equipment or specialized interconnect solutions). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M2RS1-00-R2 is designed for signal routing in environments requiring high signal integrity, low insertion loss, and high isolation. It is commonly used in automated test equipment (ATE) and telecommunications infrastructure. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Coaxial Switch / Module | | **Configuration** | Typically SPDT (Single Pole Double Throw) or Transfer Switch | | **Frequency Range** | DC to 18 GHz (typical for this class) | | **Impedance** | 50 Ohms | | **Actuator Voltage** | Usually 12V or 24V DC | | **Connector Type** | SMA (Female) | --- ### 3. Key Electronic Characteristics * **Low Insertion Loss:** Minimizes signal attenuation as the signal passes through the switch, which is critical for maintaining the power level of high-frequency signals. * **High Isolation:** Prevents "cross-talk" or leakage between the active and inactive ports, ensuring that the signal only travels to the intended destination. * **Repeatability:** Engineered to provide consistent contact resistance over millions of switching cycles, ensuring data accuracy in testing environments. * **Actuator Mechanism:** Uses an electromagnetic solenoid to move the internal contacts. The "R" in the suffix often denotes a "Failsafe" or "Latching" mechanism depending on the manufacturer's specific naming convention. ### 4. Typical Applications 1. **RF Test Benches:** Used to switch between multiple antennas or signal generators without manually moving cables. 2. **Satellite Communications:** Routing signals within ground station equipment. 3. **Signal Matrixing:** Building larger switching networks for complex laboratory setups. --- ### 5. Identification and Sourcing When dealing with this specific part number: * **Manufacturer:** Often associated with brands like **Radiall** or specialized RF component suppliers. * **Mounting:** Designed for either bulkhead mounting or integration into a larger modular chassis. ```json { "part_number": "M2RS1-00-R2", "category": "RF Components", "sub_category": "Coaxial Switches", "interface": "SMA" } ```
    ✨ Follow-up Questions
    • ⤷ What is the switching speed (in milliseconds) for the M2RS1-00-R2?
    • ⤷ Is this part compatible with latching or failsafe drive circuits?
    • ⤷ What are the power handling limits for this switch at 18 GHz?