Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2RS1-0E-R

  • AI
    The **M2RS1-0E-R** is a specific electronic component, typically identified as a **high-precision, metal film MELF (Metal Electrode Leadless Face) resistor** manufactured by **KOA Speer Electronics**. --- ### 1. General Specifications The M2RS1-0E-R belongs to the surface-mount resistor category, specifically designed for applications requiring high stability and reliability. | Feature | Specification Details | | :--- | :--- | | **Component Type** | MELF Resistor (Metal Film) | | **Package Size** | 0204 (approx. 3.5mm x 1.4mm) | | **Resistance Value** | 0 $\Omega$ (Jumper/Bridge) | | **Current Rating** | Typically 2A to 3A (depending on thermal conditions) | | **Termination** | Sn (Tin) over Nickel | | **RoHS Status** | Fully Compliant | --- ### 2. Physical Design: The MELF Package Unlike standard rectangular SMD resistors, the M2RS1-0E-R uses a **cylindrical** MELF package. This provides several technical advantages: * **Superior Power Dissipation:** The cylindrical shape offers a larger surface area compared to flat chips of the same footprint. * **Mechanical Strength:** Higher resistance to mechanical stress and board flexing. * **Thermal Stability:** Excellent performance under harsh temperature cycling. --- ### 3. Key Electronic Characteristics While this specific part number represents a **0-Ohm jumper**, it maintains the high-quality construction of the M2-series metal film resistors: 1. **Low Residual Resistance:** Designed to provide a near-perfect short circuit with minimal parasitic inductance. 2. **Pulse Capability:** MELF structures handle high-energy pulses better than thick-film flat chips. 3. **Moisture Resistance:** The metal film and protective coating offer high resistance to humidity and sulfurization. --- ### 4. Typical Applications The M2RS1-0E-R is commonly found in circuits where high reliability is paramount: * **Automotive Electronics:** Engine control units (ECUs) and sensor modules. * **Industrial Equipment:** Power supplies and precision measuring tools. * **Telecommunications:** Base station infrastructure requiring long-term stability. --- ### 5. Identification Code Breakdown | Segment | Meaning | | :--- | :--- | | **M2** | Series (Metal Film MELF) | | **RS1** | Size/Power rating code (Size 0204) | | **0E** | Resistance Value (0 $\Omega$) | | **R** | Packaging (Taping/Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2RS1-0E-R?
    • ⤷ How does a MELF resistor compare to a standard thick-film SMD resistor in terms of failure rates?
    • ⤷ Are there specific soldering temperature profiles required for MELF packages?