Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2RS1-0Z-R2

  • AI
    The **M2RS1-0Z-R2** is a high-performance **solid-state power controller (SSPC)** or power distribution module, typically used in aerospace, defense, and high-reliability industrial applications. These devices are designed to replace traditional electromechanical circuit breakers and relays. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the M2RS1-0Z-R2 series: | Feature | Specification (Typical) | | :--- | :--- | | **Device Type** | Single-Channel Solid State Power Controller | | **Input Voltage Range** | 18V to 36V DC (Standard 28VDC bus) | | **Current Rating** | Typically 1A to 25A (Model dependent) | | **Technology** | MOSFET-based switching | | **Communication** | Often features discrete control or serial interface | | **Package Style** | Sealed, Ruggedized Module | --- ### 2. Core Electronic Components The internal architecture of this part consists of several critical sub-systems: * **Power Switching Element:** Uses high-efficiency **MOSFETs** with low $R_{DS(on)}$ to minimize heat dissipation and voltage drop across the device. * **Current Sensing:** Integrated precision shunt resistors or Hall-effect sensors provide real-time current monitoring. * **Microcontroller/Logic Core:** An onboard logic controller manages the "Smart" features, such as $I^2t$ trip curves (simulating thermal circuit breakers). * **Isolation Barrier:** Provides electrical isolation between the low-voltage control signals and the high-current power path. --- ### 3. Functional Advantages Compared to traditional mechanical components, the M2RS1-0Z-R2 offers: 1. **Arc-Free Switching:** Since there are no physical contacts, there is no arcing, which extends the life of the component and increases safety in explosive environments. 2. **Programmable Trip Thresholds:** Unlike a physical fuse, the trip current can often be configured via software or external resistors. 3. **Fast Response:** Can detect and shut down a short circuit in microseconds ($\mu s$), significantly faster than a thermal breaker. 4. **Diagnostic Feedback:** Provides status signals (BIT - Built-In Test) to the main system computer regarding load health and "trip" status. --- ### 4. Typical Wiring Diagram Concept ```yaml [Power Input +28V] ----> [M2RS1-0Z-R2] ----> [Protected Load] | [Control/Status Interface] | [System Controller] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the M2RS1-0Z-R2?
    • ⤷ How does the I2t trip curve functionality differ from a standard fuse?
    • ⤷ Can this module be used in AC power distribution systems?