M2RS1-10-R
AI

The **M2RS1-10-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Header or Connector**. It is part of a standardized interconnect system used to link Printed Circuit Boards (PCBs) or to connect peripherals to a main board.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The M2RS1-10-R is a **Male Pin Header** featuring a single row of pins with a specific pitch (spacing). The "10" in the part number usually denotes the total number of positions (pins).
| Feature | Specification |
| :--- | :--- |
| **Type** | Male Pin Header (Single Row) |
| **Number of Pins** | 10 Positions |
| **Pitch** | 2.00mm (typical for M2 series) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Orientation** | Right-Angle or Vertical (Model dependent) |
| **Termination** | Solder |
---
## 2. Key Electronic Specifications
These headers are designed to handle low-voltage signal transmission and moderate power delivery.
### Electrical Characteristics
* **Current Rating:** Typically **1.5A to 2.0A** per contact.
* **Voltage Rating:** Up to **250V AC/DC**.
* **Contact Resistance:** $\leq 20 \, m\Omega$ (initial max).
* **Insulation Resistance:** $\geq 1000 \, M\Omega$.
* **Dielectric Withstanding Voltage:** 500V AC for one minute.
### Material Composition
* **Insulator:** High-temperature thermoplastic (e.g., LCP or Nylon 6T), capable of withstanding reflow soldering temperatures ($260^\circ C$).
* **Contact Material:** Copper Alloy (Brass or Phosphor Bronze).
* **Plating:** Gold flash or Tin over Nickel (Gold is preferred for high-reliability signal paths).
---
## 3. Physical Layout and Footprint
The SMT design allows for automated assembly using Pick-and-Place machines.
* **SMT Pads:** The pins are bent to sit flush on the surface of the PCB.
* **Tail Length:** Optimized for soldering onto PCB pads rather than through-holes.
* **Packaging:** Often supplied in **Tape and Reel (-R)** format, which is indicated by the suffix in the part number. This is crucial for high-speed manufacturing environments.
---
## 4. Typical Applications
The M2RS1-10-R is widely used in compact electronics where space is at a premium:
1. **Consumer Electronics:** Handheld devices, tablets, and cameras.
2. **Embedded Systems:** Connecting sensor modules to microcontrollers (e.g., ESP32 or ARM boards).
3. **Industrial Automation:** Signal routing between control boards and LED indicators.
4. **Automotive:** Low-current dash electronics and infotainment modules.
---
- ⤷
What is the exact pitch measurement for the M2RS1 series?
- ⤷ How does the 'Tape and Reel' packaging affect the assembly process?
- ⤷ Can this connector be used for high-speed data transmission like USB 3.0?