M2RS1-14-R
AI

The **M2RS1-14-R** typically refers to a specific configuration of a **Pin Header Connector**, often associated with manufacturers like Sullins Connector Solutions or similar electronic hardware providers.
Below is a detailed breakdown of its electronic and physical characteristics.
---
### 1. Technical Specifications
The part number follows a modular naming convention. Here are the common specifications for this series:
| Property | Description |
| :--- | :--- |
| **Part Type** | Male Pin Header |
| **Pitch** | 2.00 mm (0.079") |
| **Number of Positions** | 14 Positions |
| **Number of Rows** | Single Row (1) |
| **Mounting Type** | Right Angle, Through-Hole |
| **Termination** | Solder |
| **Contact Material** | Phosphor Bronze or Brass |
| **Contact Finish** | Gold or Tin (R-suffix often denotes Gold Flash/RoHS) |
---
### 2. Component Breakdown
The alphanumeric code explains the physical build of the part:
* **M2**: Refers to the series (2.00mm pitch).
* **RS1**: Indicates a **R**ight-Angle, **S**ingle-row configuration.
* **14**: The total number of pins/circuits (14 pins in one row).
* **R**: Generally indicates **RoHS Compliance** or a specific plating/packaging variation (Right-angle orientation is already covered by RS).
---
### 3. Key Applications
These connectors are standard in the electronics industry for board-to-board or wire-to-board connections:
1. **Embedded Systems:** Connecting sensor modules to a main PCB.
2. **Display Interfaces:** Used to link LCD screens to microcontrollers.
3. **Prototyping:** Found on development boards (like Arduino/Raspberry Pi variants) for low-profile headers.
4. **Peripheral Expansion:** Connecting daughterboards where space is limited and a right-angle exit is required.
---
### 4. Footprint Example (Simplified)
If you are designing a PCB, the layout for a 2.00mm 14-pin header would look like this in a script-based format:
```python
# Pseudo-code for PCB Footprint Generation
connector = PCB_Component("M2RS1-14-R")
connector.set_pitch(2.00) # mm
connector.set_rows(1)
connector.set_pads(14)
connector.set_orientation("Right-Angle")
# The X-dimension would be approximately (14 * 2.00mm) = 28.0mm
```
---
- ⤷What is the maximum current rating for this 2.00mm header?
- ⤷ Are there surface-mount (SMT) versions available for this series?
- ⤷ How does the 2.00mm pitch compare to standard 2.54mm headers in terms of space saving?