M2RS1-1F-R
AI

The **M2RS1-1F-R** is a specific electronic component, typically categorized as a **modular connector** or a **network interface component** (often associated with RJ45 MagJack or high-speed data connectors). These parts are designed to integrate physical connection ports with internal signal conditioning.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical physical and electrical characteristics for this series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Modular Jack (RJ45) / Magnetic Connector |
| **Configuration** | Single Port (1x1), Right Angle |
| **Shielding** | Metal Shielded (EMI protection) |
| **Mounting Type** | Through-hole (THT) |
| **LEDs** | Often features integrated Status LEDs (Green/Yellow) |
| **Termination** | Solder |
---
### 2. Functional Electronic Parts
The "R" in the suffix usually denotes **RoHS Compliance**, while the "1F" identifies the internal circuitry configuration. The internal architecture typically includes:
#### A. Magnetics (Transformers)
Inside the housing, there are tiny toroidal transformers. These provide:
* **Galvanic Isolation:** Protects the rest of the PCB from external voltage surges.
* **Impedance Matching:** Ensures the signal integrity between the PHY (Physical Layer) chip and the cable.
#### B. Common Mode Chokes
Used to suppress Electromagnetic Interference (EMI). They filter out high-frequency noise while allowing the data signals to pass through cleanly.
#### C. Integrated Resistors/Capacitors
These passive components are built-in to handle "Bob Smith Termination," which helps reduce common-mode noise and manages emissions on unused wire pairs in Ethernet applications.
---
### 3. Pinout and Physical Layout
While specific pinouts can vary by manufacturer (like Pulse, Bel, or Abracon), the layout generally follows this logic:
```text
[ Front View ] [ PCB Footprint ]
______________ 8 7 6 5 4 3 2 1
| __________ | o o o o o o o o
| | | |
| | RJ45 | | [LED Pins] [Shield Tabs]
|_|__________|_| o o [ ] [ ]
```
---
### 4. Typical Applications
* **Networking Gear:** Switches, routers, and hubs.
* **Industrial PC:** Motherboards and embedded systems.
* **IoT Devices:** Providing wired internet connectivity to smart controllers.
---
- ⤷What are the specific LED color configurations for the 1F-R variant?
- ⤷ Which manufacturers produce the M2RS1 series?
- ⤷ What is the maximum data rate supported by this connector (10/100 or Gigabit)?