M2RS1-40-R
AI

The **M2RS1-40-R** typically refers to a high-density, square-post male header strip (often associated with manufacturers like Sullins Connector Solutions or Samtec equivalents). It is a fundamental passive component used to create electrical connections between two Printed Circuit Boards (PCBs) or between a cable and a PCB.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Male Header / Pin Header | Unshrouded, straight orientation |
| **Pitch** | 2.00 mm (0.079") | Smaller than the standard 2.54mm pitch |
| **Number of Rows** | 2 Rows (Dual Row) | "2R" or "2" in prefix usually denotes rows |
| **Total Pins** | 40 Pins | Arranged in a 2x20 configuration |
| **Mounting Type** | Through-Hole (THT) | Pins pass through the board for soldering |
| **Contact Material** | Phosphor Bronze / Brass | Usually gold or tin plated |
| **Termination** | Right Angle (R) | The "R" suffix indicates a 90-degree bend |
---
### 2. Breakdown of Part Number Logic
While specific vendors vary slightly, the nomenclature generally follows this pattern:
* **M2**: Series designation (2.00mm pitch series).
* **RS1**: Row spacing or specific insulator material (e.g., Nylon 6T or PBT).
* **40**: Total pin count (20 pins per row).
* **R**: **Right Angle.** This means the pins exit the side of the connector, allowing for horizontal board-to-board mating or "edge" connections.
---
### 3. Physical & Electrical Characteristics
#### Electrical
* **Current Rating:** Typically **2A per contact**.
* **Insulation Resistance:** 5000 MΩ minimum.
* **Dielectric Withstanding Voltage:** 500V AC at sea level.
* **Contact Resistance:** 20 mΩ maximum.
#### Mechanical
* **Operating Temperature:** -40°C to +105°C (standard) or +125°C for high-temp versions.
* **Profile:** Low-profile design to save vertical space in compact electronics.
---
### 4. Common Applications
1. **Embedded Systems:** Connecting a microcontroller "shield" or daughterboard to a mainboard.
2. **Industrial Controllers:** Used in PLCs where vertical space is limited, requiring right-angle headers.
3. **Consumer Electronics:** Found inside routers, modems, and IoT devices for debugging ports or internal expansion.
4. **Ribbon Cable Interface:** Mates with 2.00mm pitch female IDC sockets.
---
- ⤷
What is the difference between the 'R' suffix and a 'G' or 'S' suffix in this part series?
- ⤷ Can this connector be used with standard 2.54mm (0.1 inch) jumper wires?
- ⤷ What are the soldering temperature requirements for the M2RS1 series during wave soldering?