M2RS1-40-R2
AI

The **M2RS1-40-R2** is a specific model of an **Industrial Interface Relay** (often associated with brands like Omron, ABB, or specialized industrial suppliers). It is designed to act as a bridge between low-power control circuits (like a PLC) and high-power load circuits.
---
### 1. Technical Specifications
The following table outlines the key electronic characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Relay Type** | Interface / Miniature Plug-in Relay |
| **Contact Configuration** | 2C (DPDT - Double Pole Double Throw) |
| **Coil Voltage** | Typically 110V - 240V AC/DC (Varies by sub-series) |
| **Rated Current** | 5A to 8A (Load dependent) |
| **Mounting Type** | DIN Rail Mounting (via Socket) |
| **Indicator** | Mechanical Flag and/or LED Indicator |
| **Pin Count** | 8-Pin configuration |
---
### 2. Key Electronic Components & Features
* **Electromagnetic Coil:** The core component that creates a magnetic field when energized, pulling the armature to switch the contacts.
* **Contacts (Silver Alloy):** The internal switching points are usually made of silver-nickel (AgNi) or silver-tin-oxide to ensure high conductivity and resistance to "welding" under electrical arcs.
* **Built-in LED:** Most "R2" variants include a localized LED to provide visual confirmation that the coil is energized.
* **Protection Circuitry:** Many versions include a built-in diode (for DC) or a varistor (for AC) to suppress voltage spikes (back-EMF) when the coil is de-energized, protecting the driving PLC or controller.
---
### 3. Functional Operation
The M2RS1-40-R2 operates on the principle of **Galvanic Isolation**. This means there is no physical electrical connection between the input (control) and the output (load).
1. **Input Side:** A low-voltage signal (e.g., from a sensor or PLC output) enters the coil.
2. **Conversion:** The electrical energy is converted into a magnetic force.
3. **Output Side:** The magnetic force moves the physical contacts, closing or opening the high-voltage circuit (e.g., starting a motor or turning on a lamp).
---
### 4. Typical Applications
* **PLC Output Buffering:** Protecting delicate PLC transistors from high-current inductive loads.
* **Signal Multiplication:** Using one input signal to switch two separate independent circuits (thanks to the DPDT configuration).
* **Voltage Level Shifting:** Using a 24V DC signal to control a 230V AC load.
- ⤷
What is the maximum switching frequency for this relay?
- ⤷ Does this model require a specific base socket for DIN rail mounting?
- ⤷ What are the primary differences between the R2 and standard R variants?