M2RS1-50-R
AI

The **M2RS1-50-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Header or Connector**, often associated with manufacturers like *Sullins Connector Solutions*. It is part of a high-density interconnect system designed for PCB (Printed Circuit Board) applications.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Series** | M2RS (Micro-miniature/High Density) |
| **Pitch** | 2.00 mm (0.079") |
| **Number of Pins** | 50 Positions |
| **Row Configuration** | Single Row |
| **Mounting Type** | Surface Mount (SMT), Right Angle |
| **Plating** | Gold Flash or Full Gold (indicated by 'R' suffix variants) |
| **Current Rating** | Typically 1A - 2A per contact |
| **Termination** | Right Angle Solder Tails |
---
### 2. Key Electronic Components & Materials
To understand the "electronic parts" of this connector, we must look at the materials that dictate its performance:
* **Contact Material:** Usually a Copper Alloy (Phosphor Bronze or Brass). This ensures high conductivity and mechanical spring resilience.
* **Insulator (Housing):** High-temperature Thermoplastic (e.g., Nylon 6T or LCP). This allows the part to withstand **Reflow Soldering** temperatures (up to 260°C).
* **Contact Plating:** The "R" usually denotes a specific RoHS compliance and plating finish (Gold). Gold is used to prevent oxidation and ensure a low-resistance electrical path over time.
---
### 3. Functional Role in a Circuit
The M2RS1-50-R acts as a **Passive Interconnect**. Its primary electronic functions include:
1. **Signal Integrity:** Providing a stable path for low-voltage data signals between two PCBs.
2. **Board-to-Board Connection:** Often used in a "Mother-Daughter" board configuration where one board sits at a 90-degree angle to the other.
3. **Low Profile:** The 2.00mm pitch makes it smaller than standard 2.54mm (0.1") headers, saving board space in compact electronics like IoT devices or handheld controllers.
---
### 4. Common Applications
* **Industrial Controls:** Connecting PLC modules.
* **Medical Devices:** Compact imaging or monitoring equipment.
* **Consumer Electronics:** Internal connections for displays or peripheral modules.
* **Automotive:** Low-current signal routing in dashboard electronics.
---
- ⤷
What is the maximum current capacity per pin for the M2RS series?
- ⤷ Does the M2RS1-50-R require a specific mating female socket?
- ⤷ What are the footprint dimensions for the M2RS1-50-R on a PCB?