Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2RS1-55-R

  • AI
    The **M2RS1-55-R** is a high-performance, industrial-grade stepper motor drive (specifically a 2-phase digital stepper drive) manufactured by **Leadshine**. It is part of the M2 series, designed to provide smooth motion and high torque with low noise. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Model** | M2RS1-55-R | | **Input Voltage** | 24 - 50 VDC | | **Output Current** | 0.5 - 5.0 A (Peak) | | **Control Method** | RS485 Modbus RTU / Pulse & Direction | | **Phase** | 2-Phase Stepper Drive | | **Logic Signal Current** | 7 - 16 mA | | **Microstep Settings** | 200 - 51,200 steps/rev | --- ### 2. Core Electronic Components & Features The "Electronic Parts" of this drive refer to its internal architecture and external interfacing ports. #### A. Power Stage (MOSFETs) The internal circuit utilizes high-efficiency **MOSFETs** to switch current to the motor windings. This allows the drive to handle up to 5.0A of peak current while maintaining low thermal output. #### B. Digital Signal Processor (DSP) The M2RS1-55-R uses a **32-bit DSP**. This processor calculates: * **Anti-Resonance Algorithms:** To eliminate vibrations at mid-range speeds. * **Multi-Stepping:** Low-resolution inputs are smoothed into high-resolution microsteps for quieter operation. #### C. Communication Interface (RS485) Unlike traditional "Pulse/Dir" only drives, the **-R** suffix signifies **RS485 Modbus** capability. * **Daisy Chaining:** Up to 31 axes can be controlled via a single RS485 network. * **Internal Motion Controller:** It can execute pre-programmed motion profiles (Pr-mode) triggered via communication commands. #### D. Protection Circuitry The drive contains integrated electronic protection for: * **Over-Voltage:** Protects against back-EMF from the motor. * **Over-Current:** Prevents damage during a short circuit. * **Phase Error:** Detects if a motor phase is disconnected. --- ### 3. Connection Interface Layout ```markdown 1. Power Connector: VDC+, GND 2. Motor Connector: Phase A+, A-, B+, B- 3. Control Signals: - Pulse/Direction (for traditional PLC control) - Enable (to engage/disengage motor) 4. RS485 Port: RJ45 or terminal connections for Modbus communication 5. DIP Switches: Used for setting Node ID, Baud Rate, and Termination Resistors ``` --- ### 4. Typical Application Wiring (Conceptual) ```python # Pseudo-logic for RS485 Control 1. Connect 36V DC Power Supply to V+ and GND. 2. Connect NEMA 17/23/24 Motor to A/B terminals. 3. Connect RS485 A/B lines to a Master Controller (PC/PLC). 4. Set DIP switches for Node ID (e.g., ID = 1). 5. Send Modbus Command: "Move to position 10000 at 500RPM". ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M2RS and the standard EM series Leadshine drives?
    • ⤷ How do I configure the RS485 Node ID using the DIP switches?
    • ⤷ What software is required to tune the M2RS1-55-R parameters?