M2RS1-60-R
AI

The **M2RS1-60-R** is an industrial-grade **Solid State Relay (SSR)**, typically categorized within the **M2RS Series**. These devices are used to switch electrical loads (usually AC) using a low-voltage DC input, providing high-speed switching and electrical isolation.
---
## 1. Technical Specifications
The part number "60" generally indicates the maximum voltage rating, while "R" often signifies a specific control type or mounting style.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Relay Type** | Solid State Relay (SSR) |
| **Max Load Current** | 60 Amperes |
| **Operating Voltage (Load)** | Up to 480V - 600V AC (depending on specific sub-model) |
| **Control Voltage (Input)** | 3 - 32V DC (Standard for SSRs) |
| **Switching Type** | Zero-Cross Switching (Reduces EMI/RFI) |
| **Isolation** | Opto-isolated (usually >2500V) |
---
## 2. Key Electronic Components
Internally, the M2RS1-60-R consists of several distinct stages to ensure safe and efficient power management:
### A. Input Stage (Low Voltage)
* **LED/Optocoupler:** When a DC signal (e.g., from a PLC or Microcontroller) is applied, an internal LED lights up.
* **Current Limiter:** Internal resistors protect the LED from being damaged by the control voltage range.
### B. Isolation Layer
* **Optical Barrier:** There is no physical connection between the control side and the high-power load side. This prevents high-voltage spikes from destroying the control logic.
### C. Output Stage (High Power)
* **TRIAC or Dual Thyristors (SCRs):** These are the semiconductor "switches." A 60A unit usually uses two SCRs back-to-back to handle high thermal loads and power fluctuations.
* **Snubber Circuit:** A built-in RC (Resistor-Capacitor) network that protects the device from $dv/dt$ transients (rapid voltage spikes).
---
## 3. Terminal Configuration
Most SSRs in this series follow a standard block format:
| Terminal | Label | Description |
| :--- | :--- | :--- |
| **1 & 2** | **LOAD** | Connected in series with the AC power source and the device (e.g., a heater). |
| **3 (+)** | **INPUT** | Positive DC Control Signal (3-32V). |
| **4 (-)** | **INPUT** | Negative DC Ground/Common. |
---
## 4. Usage Considerations
* **Heat Dissipation:** A 60A SSR generates significant heat. It **must** be mounted on a properly sized aluminum heat sink, often with thermal paste.
* **Zero-Cross Switching:** This model likely switches "ON" only when the AC sine wave passes through zero volts. This is ideal for resistive loads like **heaters** but not always ideal for highly inductive loads like high-frequency motors.
---
- ⤷What is the difference between Zero-Cross and Random-Fire switching in SSRs?
- ⤷ How do I calculate the required heat sink size for a 60A load?
- ⤷ Can this relay be used to control a DC load instead of AC?