M2RS1-60-R2
AI

The **M2RS1-60-R2** is a specific model within a series of industrial **Stepping Servo Motors** (often referred to as Integrated Easy Servo Motors). These units combine a high-torque stepper motor with an onboard digital encoder and a built-in driver.
---
## 1. Core Specifications
The following table outlines the primary electronic and mechanical characteristics typical of this model:
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | NEMA 24 (60mm) Stepping Servo |
| **Input Voltage** | 24 - 50 VDC |
| **Continuous Current** | Approx. 4.0A - 6.0A (Model dependent) |
| **Torque Range** | ~2.0 Nm to 3.0 Nm |
| **Encoder Resolution** | 1000 - 4000 Lines (Incremental) |
| **Communication** | RS485 / Modbus RTU |
| **Control Mode** | Pulse/Direction or Serial Command |
---
## 2. Key Electronic Components & Systems
### A. Integrated Driver/Controller
Unlike traditional motors that require an external drive box, the "R2" designation often implies an integrated unit.
* **Micro-stepping:** Uses advanced algorithms to divide full steps into smaller increments for smooth motion.
* **Heat Dissipation:** The aluminum back-shell acts as a heatsink for the Power MOSFETs.
### B. Feedback System (Encoder)
The electronic encoder at the rear of the motor provides "Closed-Loop" control.
* **No Position Loss:** The electronics constantly compare the target position with the actual position.
* **Correction:** If the motor stalls or is pushed off-course, the internal logic compensates immediately.
### C. Communication Interface (RS485)
The **R2** variant usually signifies an RS485 communication capability.
* **Daisy Chaining:** Multiple motors can be linked together using just two wires (A and B).
* **Parameter Tuning:** Allows for software-based configuration of current, PID loops, and acceleration via PC.
---
## 3. Wiring Configuration
Typical wiring for the M2RS1-60-R2 involves three main blocks:
1. **Power Interface:**
* `V+` (Positive DC Input)
* `GND` (Ground)
2. **Control Signal (I/O):**
* `PUL+ / PUL-`: Pulse input for speed.
* `DIR+ / DIR-`: Direction input.
* `ENA+ / ENA-`: Enable/Disable motor.
3. **Communication (RS485):**
* `485+ / 485-`: Data transmission for Modbus control.
---
## 4. Operational Advantages
* **Low Heat:** Current is adjusted dynamically based on the load (only uses high current when needed).
* **Low Noise:** Integrated electronics reduce electromagnetic interference (EMI) compared to long motor cables.
* **Compact Design:** Ideal for space-constrained applications like 3D printers, CNC routers, and AGVs.
- ⤷
How do I configure the Modbus IDs for multiple M2RS1-60-R2 motors?
- ⤷ What is the maximum pulse frequency supported by this motor's driver?
- ⤷ Can this motor operate in open-loop mode if the encoder fails?