M2RS1-C0-R
AI

The **M2RS1-C0-R** is a specific model within the **M2RS series** of slim-type plug-in signal conditioners (isolators) manufactured by **M-System**. Its primary electronic function is to accept a DC input signal and provide an isolated DC output signal, typically used to prevent ground loops and protect control systems.
---
## 1. Technical Specifications Breakdown
The model number encodes the specific electronic characteristics of the device:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2RS1** | Model Series | Slim-type Signal Conditioner (Isolator) |
| **C** | Input Signal | 1 to 5 V DC |
| **0** | Output Signal | 4 to 20 mA DC (Current Loop) |
| **R** | Power Input | 24 V DC |
---
## 2. Key Electronic Components & Internal Layout
Inside the M2RS1-C0-R, several critical electronic stages work together to process the signal:
### A. Input Stage
* **High Impedance Buffer:** Receives the 1-5V DC signal. The high input resistance (typically $\ge 1 M\Omega$) ensures that the device does not load down the source sensor or controller.
* **Surge Protection:** Includes Zener diodes or varistors to protect internal circuitry from voltage spikes.
### B. Isolation Barrier
* **Optical or Magnetic Coupling:** This is the core of the device. It converts the electrical signal into light (Opto-coupler) or a magnetic field (Transformer) to jump a physical gap.
* **Galvanic Isolation:** Provides 2000V AC isolation between the input, output, and power supply. This prevents noise from one circuit from affecting another.
### C. Output Stage (Current Driver)
* **Voltage-to-Current Converter:** Transmutes the isolated signal into a precise 4-20mA current.
* **Load Drive Capability:** Designed to drive loads up to $550 \Omega$.
### D. Power Module
* **DC/DC Converter:** Since the unit is powered by 24V DC, it uses an internal switching regulator to create stable, isolated voltages for the internal Op-amps and the isolation circuitry.
---
## 3. Performance Characteristics
| Property | Value/Standard |
| :--- | :--- |
| **Accuracy** | $\pm 0.1\%$ of span |
| **Response Time** | $\le 0.5$ seconds (0 to 90%) |
| **Isolation Resistance** | $100 M\Omega$ or more with 500V DC |
| **Construction** | Plug-in base (easy replacement without rewiring) |
---
## 4. Wiring and Terminal Connections
The electronic interface is usually handled through a specialized base socket:
* **Input (1-5V):** Terminals 5 (+) and 6 (-)
* **Output (4-20mA):** Terminals 1 (+) and 2 (-)
* **Power (24V DC):** Terminals 7 (+) and 8 (-)
---
- ⤷
What is the maximum load resistance supported by the M2RS1-C0-R output?
- ⤷ How does galvanic isolation prevent ground loops in industrial PLC systems?
- ⤷ Can this model be adjusted for zero and span calibration?