Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2RS1-CG-R

  • AI
    ## Overview of M2RS1-CG-R The **M2RS1-CG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Resistor**. It is commonly produced by manufacturers like **Susumu** (specifically part of their PRRG series) or similar precision component vendors. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film Resistor | High precision and stability compared to thick film. | | **Package Size** | 0402 (Metric 1005) | Dimensions: 1.0mm x 0.5mm. | | **Resistance Value** | Variable | The "RS1" designation often refers to a specific resistance code or series. | | **Tolerance** | ±0.05% to ±0.1% | Extremely tight tolerance for precision circuits. | | **Power Rating** | 0.063W (1/16 W) | Standard power handling for 0402 packages. | | **Operating Temp** | -55°C to +155°C | Industrial/Automotive grade range. | --- ### Key Electronic Attributes #### 1. Thin Film Technology Unlike standard resistors, the M2RS1 series uses **Thin Film** technology. This results in: * **Low Noise:** Crucial for audio and sensitive analog signal processing. * **High Stability:** Maintains resistance value despite aging or environmental stress. * **Tight Tolerance:** Used where exact voltage division or current sensing is required. #### 2. Temperature Coefficient of Resistance (TCR) This part is designed for low TCR (often as low as **±25ppm/°C**). This means the resistance value changes very little as the temperature of the circuit increases, preventing "thermal drift." #### 3. Environmental Protection (CG-R Suffix) The suffix often denotes specific packaging and compliance standards: * **CG:** Usually indicates the plating material (e.g., Gold or Tin over Nickel) or specific reliability testing. * **-R:** Typically stands for **RoHS Compliant** and **Tape & Reel** packaging for automated SMT (Surface Mount Technology) assembly. --- ### Common Applications Due to its precision, the M2RS1-CG-R is frequently found in: 1. **Medical Electronics:** Precision sensors and monitoring equipment. 2. **Telecommunications:** Signal conditioning in base stations and high-speed routers. 3. **Automotive ECU:** Control units where temperature fluctuations are common. 4. **Test & Measurement:** Multimeters, oscilloscopes, and data acquisition systems. --- ### Identification and Solder Profile ```yaml Component: SMD Thin Film Resistor Mounting: Reflow Soldering (Pb-free recommended) Case Code: 0402 Marking: Usually no marking on the body due to small size (0402) ```
    ✨ Follow-up Questions
    • ⤷ What are the exact resistance values available for the M2RS1 series?
    • ⤷ How does thin film technology differ from thick film in terms of performance?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?