M2RT-01-R2/K
AI

The **M2RT-01-R2/K** is a specific model of an **Industrial Magnetic Proximity Sensor**, typically utilized in automation, safety interlocking, and position sensing. These devices act as non-contact switches that respond to the presence of a magnetic field.
---
### Technical Specifications & Components
The "electronic" nature of this part is centered around its **Reed Switch** or **Hall Effect** internal construction, encapsulated in a rugged housing.
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Magnetic Proximity / Reed Switch |
| **Output Type** | Normally Open (NO) / Normally Closed (NC) or Changeover |
| **Max Voltage** | Typically up to 230V AC/DC (model dependent) |
| **Max Current** | Generally 0.5A to 1.0A |
| **Contact Material** | Rhodium or Ruthenium (for high reliability) |
| **Housing Material** | Nickel-plated brass or High-grade Plastic |
| **Sensing Distance** | 10mm to 30mm (depending on magnet strength) |
---
### Key Internal Parts
1. **The Reed Element:** Two ferromagnetic blades hermetically sealed in a glass envelope. When a magnet approaches, the blades become polarized and pull together to complete the circuit.
2. **Internal Resistor (Optional):** Some versions include a series resistor to protect the contacts from inrush current or a parallel resistor for line monitoring in safety systems.
3. **Encapsulation:** The internal electronics are potted with epoxy resin to protect against vibration, moisture, and dust (IP67 rating).
4. **Cable/Connector:** Features a multi-core cable or an M12 connector for integration into a PLC (Programmable Logic Controller) or relay circuit.
---
### Operating Principle
The M2RT series operates on **Magnetism**. Unlike inductive sensors (which sense metal) or capacitive sensors (which sense density), this part requires a separate **Actuator (Magnet)**.
* **Activation:** As the magnet moves within the "Operating Distance," the internal contact changes state.
* **Deactivation:** As the magnet moves away beyond the "Release Distance," the contact returns to its original state.
### Typical Applications
* **Safety Guards:** Ensuring a machine door is closed before operation.
* **Pneumatic Cylinders:** Detecting the position of the internal piston.
* **Elevator Leveling:** Sensing the floor position.
- ⤷
What is the difference between the R2 and K suffixes in this model?
- ⤷ How do I wire this sensor to a 24V PLC input?
- ⤷ What type of magnet is recommended for use with the M2RT series?