Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2RT-04-R2/K

  • AI
    The **M2RT-04-R2/K** belongs to a specific category of industrial automation components, typically identified as a **Terminal Block Relay Module** (often manufactured by brands like **Dinkle** or similar industrial interface specialists). These modules are designed to bridge the gap between low-power control signals (like a PLC output) and high-power field devices. --- ### 1. Technical Specifications Overview Below are the primary electronic characteristics typical for this specific model: | Feature | Specification | | :--- | :--- | | **Type** | Interface Relay Module | | **Channel Count** | 4-Channel (04) | | **Input Voltage** | 24V DC (Standard for R2 series) | | **Contact Rating** | 5A to 10A at 250VAC / 30VDC | | **Terminal Type** | Screw or Push-in (K often denotes a specific kit or connector style) | | **Mounting** | DIN Rail (TS-35) | --- ### 2. Core Electronic Components The module is composed of several key electronic parts integrated onto a PCB (Printed Circuit Board) housed in a plastic casing: #### A. Electromagnetic Relays The heart of the module. Each channel has an individual relay that physically opens or closes a circuit. * **Galvanic Isolation:** Provides electrical separation between the control logic and the load, protecting sensitive electronics from surges. #### B. Protection Circuitry (Flyback Diodes) Since relays are inductive loads, they can produce high-voltage spikes when turned off. * **Freewheeling Diode:** Integrated across the coil to suppress "back EMF" and prevent damage to the driving transistor or PLC output. #### C. LED Status Indicators Each of the 4 channels features a Surface Mount (SMD) LED. * **Function:** Provides immediate visual feedback. If the LED is lit, the coil is energized and the relay is active. #### D. Input/Output Terminals * **Input Side:** Where the 24V control signal is wired. * **Output Side:** Features Common (COM), Normally Open (NO), and sometimes Normally Closed (NC) contacts for the field device. --- ### 3. Key Applications This part is commonly used in: 1. **PLC Output Expansion:** When a PLC's internal relays are too weak to drive a motor or solenoid directly. 2. **Signal Multiplying:** Using one signal to trigger multiple isolated circuits. 3. **Maintenance Efficiency:** Because the relays are often "plug-in" types, they can be replaced without unwiring the entire block. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the M2RT series relays?
    • ⤷ Does this model support NPN or PNP input logic?
    • ⤷ Can the individual relays be replaced without replacing the entire module?