AI

The **M2RT-12-R/K** is a specific model within the **M2RT series**, which are high-performance, compact **Rotary Switches** (often referred to as sub-miniature rotary switches). These are commonly used in industrial controls, medical equipment, and telecommunications.
### 1. Key Technical Specifications
Based on the part number nomenclature, here are the primary electronic and mechanical characteristics:
| Property | Specification |
| :--- | :--- |
| **Switch Type** | Rotary Switch |
| **Number of Poles** | 1 Pole |
| **Number of Positions** | 2 to 12 Positions (Adjustable) |
| **Voltage Rating** | 125V AC / 28V DC (Typical) |
| **Current Rating** | 150mA to 250mA (varies by load type) |
| **Contact Resistance** | < 20 mΩ |
| **Dielectric Strength** | 500V AC for 1 minute |
| **Mechanical Life** | 10,000 cycles minimum |
---
### 2. Part Number Breakdown
The suffix and prefix provide details on the mounting and contact material:
* **M2RT**: Series identifier (Sub-miniature rotary).
* **12**: Maximum number of positions available on the wafer.
* **R**: Typically denotes **Right Angle** PC terminals (mounting orientation).
* **K**: Often refers to the **Knob** or **Actuator** style (e.g., a knurled shaft or a specific keyed shaft).
---
### 3. Electronic Components & Materials
The internal construction of the M2RT-12-R/K relies on several high-grade materials to ensure signal integrity:
1. **Contacts**: Usually **Gold-plated** or **Silver-plated** brass/copper alloy. Gold is preferred for low-level switching to prevent oxidation.
2. **Housing/Insulator**: High-temperature **Diallyl Phthalate (DAP)** or similar thermoset plastic, providing high insulation resistance.
3. **Indexing Mechanism**: A ball-and-spring detent mechanism that provides the "click" feel and ensures the switch stays in the selected circuit position.
4. **Terminals**: PC pins designed for direct soldering onto a Printed Circuit Board (PCB).
---
### 4. Circuit Diagram Representation
A 1-pole, 12-position rotary switch operates as a "Single Pole, Multi-Throw" (SP12T) switch.
```mermaid
graph LR
Common((Common Pin)) --- S[Switch Arm]
S --> P1(Pos 1)
S --> P2(Pos 2)
S --> P12(Pos 12)
```
---
### 5. Common Applications
* **Test Equipment**: Selecting between different measurement ranges (Volts, Amps, Ohms).
* **Audio Equipment**: Input source selection or gain stepping.
* **Industrial Panels**: Mode selection (Manual, Auto, Off).
- ⤷What is the difference between 'Shorting' and 'Non-Shorting' contacts for this model?
- ⤷ How do you adjust the rotation stop to limit the switch to 5 positions?
- ⤷ What are the soldering temperature requirements for the M2RT series?