M2RT-16-R2/K
AI

The **M2RT-16-R2/K** is a high-precision, industrial-grade **Rotary Coded Switch** (often referred to as a binary coded DIP switch). These components are primarily used to set addresses, configurations, or operating modes on printed circuit boards (PCBs) without requiring a digital interface.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Code** | Real Binary (Hexadecimal) |
| **Number of Positions** | 16 (0 through F) |
| **Actuator Type** | Screwdriver Slot (Flat/Cross) |
| **Mounting Type** | Through-hole (THT) |
| **Contact Rating** | 100mA @ 5V DC (Switching) / 100mA @ 50V DC (Steady) |
| **Contact Resistance** | < 100 mΩ |
| **Operating Temp** | -25°C to +75°C |
---
### 2. Electronic Functionality
The M2RT-16-R2/K acts as a 4-bit digital encoder. When the dial is turned to a specific number or letter (0-F), it mechanically closes a combination of four internal switches to represent that value in binary.
#### Truth Table (Logic Output)
| Dial Position | Hex Value | Bit 1 (1) | Bit 2 (2) | Bit 3 (4) | Bit 4 (8) |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **0** | 0 | OFF | OFF | OFF | OFF |
| **1** | 1 | **ON** | OFF | OFF | OFF |
| **9** | 9 | **ON** | OFF | OFF | **ON** |
| **F** | 15 | **ON** | **ON** | **ON** | **ON** |
---
### 3. Physical & Material Composition
* **Housing:** Typically made of high-temperature PBT (Polybutylene terephthalate) or Liquid Crystal Polymer (LCP) to withstand wave soldering.
* **Contacts:** Gold-plated contacts are used to prevent oxidation and ensure high signal integrity over the component's lifespan.
* **R2 Designation:** This usually refers to the specific terminal pitch or the physical orientation (e.g., right-angle vs. vertical), though in the M2RT series, it often denotes a standard **3x3 terminal layout**.
* **K Suffix:** Generally indicates that the part is "Sealed" (Washable), meaning it has an internal O-ring or top tape to protect against flux during the cleaning process after soldering.
---
### 4. Common Applications
* **Industrial Automation:** Setting the unique ID for a PLC (Programmable Logic Controller) node on a fieldbus network.
* **Telecommunications:** Configuring frequency bands or channel offsets on radio equipment.
* **Security Systems:** Setting hard-coded zones or user IDs on control panels.
---
- ⤷
What is the difference between 'Real Binary' and 'Complementary Binary' codes in these switches?
- ⤷ How do I interpret the pinout for a 16-position rotary switch on a PCB layout?
- ⤷ Are there surface-mount (SMD) alternatives to the M2RT-16-R2/K?