M2RT-43-R/K
AI

The **M2RT-43-R/K** is a specialized high-performance **2-Phase Stepper Motor and Driver Package** manufactured by **Oriental Motor**, belonging to their **M2 Series**. This system is designed for high-resolution positioning and smooth motion control.
---
### 1. Component Overview
The package consists of two primary electronic parts:
| Component | Part Number / Type | Function |
| :--- | :--- | :--- |
| **Motor** | PK243 (NEMA 17 size) | Converts electrical pulses into mechanical rotation. |
| **Driver** | M2RTD (Built-in Controller) | Controls the current and pulse sequence sent to the motor. |
### 2. Technical Specifications
The "R/K" suffix indicates specific voltage and driver configurations (typically RS-485 communication or pulse-input types depending on the regional catalog).
| Parameter | Specification |
| :--- | :--- |
| **Frame Size** | 42 mm (1.65 in.) |
| **Basic Step Angle** | 1.8° / 0.9° (depending on microstepping) |
| **Voltage Input** | 24 VDC (Typical for M2 Series) |
| **Connection Type** | Lead Wire or Connector (R/K variants) |
| **Shaft Type** | Single Shaft / Double Shaft Options |
---
### 3. Key Electronic Features
#### A. Microstepping Technology
The driver uses electronic microstepping to divide the basic 1.8° step into smaller increments. This results in:
* **Reduced Vibration:** Smoother operation at low speeds.
* **Higher Resolution:** Allows for precise positioning beyond the standard step count.
#### B. Current Control
The driver features an **Automatic Current Cutback** circuit. When the motor is at a standstill, the driver automatically reduces the current to the motor windings to minimize heat generation while maintaining holding torque.
#### C. Smooth Drive Function
This is a proprietary feature of Oriental Motor drivers that allows the motor to operate with low vibration even when the pulse input is set for full-step or half-step resolution.
#### D. Protection Circuits
The electronic assembly includes built-in safeguards:
* **Overheating Protection:** Shuts down if the internal driver temperature exceeds safe limits.
* **Overcurrent Protection:** Prevents damage to the FETs (Field Effect Transistors) in case of a short circuit.
---
### 4. Typical Wiring/Interface
The M2RT driver generally interfaces via:
1. **Pulse/Direction Inputs:** Traditional step/dir signals from a PLC or Microcontroller.
2. **Alarm Outputs:** Open-collector outputs to signal a system fault.
3. **Current Adjustment:** A potentiometer or DIP switch on the driver board to set the peak operating current.
- ⤷
What are the specific wiring differences between the R and K suffixes for this model?
- ⤷ How do I calculate the maximum torque for the M2RT-43 at high speeds?
- ⤷ Is this driver compatible with 3rd party stepper motors?