M2RTS-R-21-M2/N
AI

The **M2RTS-R-21-M2/N** belongs to the **M2R Series** of professional-grade toggle switches manufactured by **Nikkai (NKK Switches)**. This specific part number represents a miniature, high-reliability toggle switch often used in industrial control panels and instrumentation.
---
### 1. Part Number Breakdown
The nomenclature reveals the specific electronic and mechanical characteristics of the component:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | M2R | Miniature Toggle Switch Series |
| **Circuit** | TS | Likely refers to Terminal/Switch configuration (standard) |
| **Actuator** | R | Round/Standard Toggle Lever |
| **Pole/Throw** | 21 | Double Pole, Single Throw (DPST) or specific Terminal Mapping |
| **Terminal** | M2 | Right Angle PC Mount (Threaded Bushing) |
| **Plating** | N | Silver Contacts (Standard) |
---
### 2. Key Electronic Specifications
These switches are designed for low-to-medium power applications where durability is critical.
* **Contact Rating:** Typically 6A @ 125V AC or 3A @ 250V AC.
* **Contact Resistance:** Max 10 mΩ (initial).
* **Insulation Resistance:** Min 1,000 MΩ @ 500V DC.
* **Dielectric Strength:** 1,000V AC minimum between contacts for one minute.
* **Mechanical Life:** 100,000 cycles minimum.
* **Electrical Life:** 25,000 to 50,000 cycles (depending on load).
---
### 3. Physical Construction
The "M2" designation in the suffix is particularly important as it dictates how the part interacts with a Printed Circuit Board (PCB).
1. **Mounting Style:** This is a **Right-Angle PC Mount** component. Instead of the pins sticking straight out the bottom, they are bent at a 90-degree angle so the toggle lever protrudes from the side of the board (parallel to the PCB).
2. **Sealing:** Most M2 series switches feature an epoxy seal at the base of the terminals to prevent flux and contaminants from entering the internal mechanism during soldering.
3. **Bushing:** Features a threaded bushing, allowing it to be secured to a front panel using a hex nut even though it is soldered to a PCB.
---
### 4. Typical Applications
Due to the right-angle mounting and high cycle life, this part is commonly found in:
* **Communication Equipment:** Rack-mounted servers or radio gear.
* **Medical Instrumentation:** Diagnostic devices requiring tactile feedback.
* **Industrial Automation:** Control logic toggles on interface boards.
* **Test & Measurement:** Oscilloscopes or signal generators.
---
- ⤷What is the exact pin spacing for the M2 terminal configuration?
- ⤷ Can this switch be used with gold plating for low-level logic signals?
- ⤷ What is the operating temperature range for the M2R series?