Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2RTS-R-2B-M2/CE

  • AI
    ## Technical Analysis of M2RTS-R-2B-M2/CE The **M2RTS-R-2B-M2/CE** is a specific model within the **M2RTS Series** of signal conditioners/transmitters manufactured by **M-System** (a major provider of interface technology). This device is a high-speed, microprocessor-based signal conditioner designed to convert resistance (RTD) signals into standard industrial DC signals. --- ### 1. Part Number Breakdown To understand the electronic capabilities, we must decode the suffix codes: | Code Segment | Feature | Description | |:---|:---|:---| | **M2RTS** | Base Model | RTD Transmitter (Signal Conditioner) | | **-R** | Power Input | 24V DC Power Supply | | **-2** | Input Signal | Pt 100 (ITS-90) RTD | | **-B** | Output Signal | 2 – 10V DC | | **-M2** | Display/Special | Includes LCD Display & Multi-configurable features | | **-CE** | Certification | CE Marking (European Safety Standards) | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the M2RTS-R-2B-M2/CE consists of four primary stages: #### A. Input Stage (Analog Front-End) * **RTD Excitation:** The device provides a constant current source (typically around 1mA) to the RTD sensor to measure resistance changes. * **Lead Wire Compensation:** It utilizes a 3-wire bridge circuit to compensate for the resistance of the cables connecting the sensor to the unit. * **A/D Converter:** A high-resolution Analog-to-Digital converter translates the small voltage drop across the RTD into digital data for the microprocessor. #### B. Digital Processing Stage * **Microprocessor (MCU):** Performs linearization of the RTD curve (correcting the non-linear relationship between temperature and resistance). * **Digital Filtering:** Electronic noise filtering to stabilize the output signal in industrial environments. * **Configuration Logic:** Handles the scaling of the input range (e.g., 0°C to 100°C) to the output range. #### C. Isolation & Output Stage * **Galvanic Isolation:** High-speed optoisolators or magnetic coupling provide **three-way isolation** (Input to Output to Power). This protects the control system from ground loops and surges. * **D/A Converter:** Converts the processed digital values back into an analog voltage. * **Amplifier:** Scales the signal to the **2 – 10V DC** output specified by the "-B" code. #### D. Human-Machine Interface (HMI) * **LCD Display:** The "-M2" variant features a front-mounted digital display that shows the current temperature reading or output percentage. --- ### 3. Key Specifications | Specification | Value/Details | |:---|:---| | **Input Type** | Pt 100 (3-wire) | | **Output Type** | 2 – 10V DC (Load resistance ≥ 2000Ω) | | **Accuracy** | ±0.1% of span | | **Isolation** | 2000V AC @ 1 minute | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Housing Material** | Flame-resistant resin (Black) | | **Mounting** | DIN Rail Mounting | --- ### 4. Circuit Protection Features * **Burnout Protection:** The electronics are designed to drive the output to a specific "safe" state (either high or low) if the RTD sensor wire is broken. * **Over-current Protection:** Protection for the output stage against short circuits. * **Reverse Polarity Protection:** Prevents damage if the 24V DC power leads are swapped.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for connecting a 3-wire Pt 100 to this specific model?
    • ⤷ How do I configure the temperature range using the front panel buttons?
    • ⤷ Can the 2-10V output be recalibrated to 0-10V via the internal settings?