M2RTS-R-33-M2/CE
AI

The **M2RTS-R-33-M2/CE** is a high-performance **RTD (Resistance Temperature Detector) Transmitter** produced by M-System. It is designed to convert the signal from a temperature sensor (like a Pt100) into a standard analog signal (like 4-20mA or 0-10V) for industrial automation and control.
---
### Technical Specifications Breakdown
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2RTS (Ultra-slim Signal Conditioner) |
| **Input Type** | RTD (Resistance Temperature Detector) |
| **Input Channels** | Single Channel |
| **Output Type** | DC Voltage or Current (Configurable) |
| **Power Input (33)** | 100 – 240V AC |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Housing Material** | Flame-resistant resin (Black) |
---
### Component Breakdown & Suffix Meaning
The model code **M2RTS-R-33-M2/CE** breaks down as follows:
1. **M2RTS**: The series identifier. These are "Mini-M" series transmitters known for their compact, plug-in base design.
2. **R**: Represents the Input Type. In this case, it is specifically for **RTD** (typically Pt100, Pt50, etc.).
3. **33**: Defines the Output Signal. Usually represents a specific range (e.g., 4–20 mA DC).
4. **M2**: Specifies the Power Input. "M2" indicates **100 – 240V AC** universal power supply.
5. **CE**: Indicates the unit is **CE Certified**, meeting European safety and EMC standards.
---
### Key Features
* **Isolation**: Provides 2000V AC isolation between the input, output, and power terminals. This protects sensitive PLC/DCS equipment from electrical noise or surges.
* **Burnout Protection**: If the RTD wire breaks, the transmitter can be configured to drive the output signal "Upscale" (max) or "Downscale" (min) to alert the control system of a sensor failure.
* **Compact Design**: The "Mini-M" footprint allows for high-density mounting on DIN rails, saving cabinet space.
* **Linearization**: The internal circuitry linearizes the non-linear resistance change of the RTD to ensure the output signal is proportional to the actual temperature.
---
### Internal Circuit Block Diagram (Functional)
```mermaid
graph LR
A[RTD Input] --> B[Linearization Circuit]
B --> C[Isolation Barrier 2000V]
C --> D[Amplifier/Converter]
D --> E[Analog Output 4-20mA/0-10V]
F[100-240V AC Power] --> C
```
---
- ⤷
What are the specific wiring pinouts for the M2RTS-R base?
- ⤷ Does this model support 3-wire or 4-wire RTD configurations?
- ⤷ What is the maximum load resistance allowed for the 4-20mA output?