AI

The **M2RTS-R-43-M2/N** is a specific model of a **Resistance Temperature Sensor (RTD)** transmitter, typically manufactured by companies like **M-System**. It is designed to convert signals from a temperature sensor (RTD) into a standard analog signal for industrial automation.
---
### 1. Technical Specifications Breakdown
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Input Signal** | RTD (Pt 100) | Standard 3-wire Platinum resistance thermometer. |
| **Output Signal** | 4 – 20 mA DC | Standard industrial current loop output. |
| **Power Input** | 100 – 240V AC | Wide-range alternating current supply. |
| **Mounting** | DIN Rail | Standard 35mm industrial rail mounting. |
| **Configuration** | M2 Series | Compact, plug-in base structure for easy maintenance. |
---
### 2. Key Electronic Components & Functionality
The device operates through several internal electronic stages to ensure accuracy and signal integrity:
1. **Input Bridge Circuit:**
* It uses a constant current source to drive the RTD.
* The circuit measures the voltage drop across the Pt 100 sensor, which changes linearly with temperature.
2. **Linearization Circuit:**
* Since RTD resistance is not perfectly linear, the internal electronics apply a linearization algorithm to ensure the output (4-20mA) corresponds exactly to the temperature scale.
3. **Galvanic Isolation:**
* The unit provides 3-way isolation (Input – Output – Power).
* This protects the PLC/DCS from surges and eliminates ground loops in industrial environments.
4. **Zero/Span Adjustments:**
* Located on the front panel, these potentiometers allow for fine-tuning the calibration of the minimum (4mA) and maximum (20mA) points.
---
### 3. Wiring Configuration
To install the M2RTS-R-43-M2/N, the following terminal logic is typically applied:
```text
[ Power Supply ] --- [ Terminals 7 & 8 ] (100-240V AC)
[ RTD Input ] --- [ Terminals 1, 2, 3 ] (A, B, B' for 3-wire Pt100)
[ Current Out ] --- [ Terminals 4 (+) & 5 (-) ] (4-20mA to Controller)
```
---
### 4. Application Use Case
This part is commonly used in **HVAC systems, chemical processing, and power plants** where precise temperature monitoring is required. It converts a low-level resistance signal that would degrade over long distances into a robust 4-20mA current signal that can travel hundreds of meters without losing accuracy.
- ⤷
How do I calibrate the Zero and Span settings on this specific transmitter?
- ⤷ What is the maximum distance an RTD can be placed from this transmitter?
- ⤷ Can this model support a 2-wire or 4-wire RTD configuration?