M2RTS-R-A3-M2/N
AI

The **M2RTS-R-A3-M2/N** is a specific model of a **Resistance Transmitter** (RTD Transmitter) belonging to the M2 series manufactured by **M-System**. This device is designed to convert signals from an RTD (Resistance Temperature Detector) into a standardized industrial DC signal.
---
## 1. Technical Specifications Breakdown
The alphanumeric code represents specific hardware configurations. Below is the breakdown of the electronic parts and their functions:
| Component Code | Description | Electronic Function |
| :--- | :--- | :--- |
| **M2RTS** | Model Name | Resistance Transmitter (RTD input). |
| **-R** | Power Input | **AC Power:** 24V DC (Standard for internal rail logic). |
| **-A3** | Input Type | **Pt 100 (JIS '97, IEC):** Standard platinum resistance sensor input. |
| **-M2** | Output Type | **4 – 20 mA DC:** Converts temperature to a current loop signal. |
| **-N** | Option | **None:** Standard housing/no special coating. |
---
## 2. Internal Electronic Architecture
The device consists of several key stages to ensure signal integrity and accuracy:
### A. Input Stage (Signal Conditioning)
* **Constant Current Source:** The transmitter sends a small, stable current through the RTD to measure voltage drop.
* **Linearization Circuit:** Since RTD resistance is not perfectly linear with temperature, internal circuitry compensates for the curve of the Pt100 element.
### B. Isolation Barrier
* **Three-Way Isolation:** This model typically features isolation between **Input – Output – Power**.
* **Purpose:** Prevents ground loops and protects the control system (PLC/DCS) from high-voltage surges on the field side.
### C. Output Stage (Current Loop)
* **Voltage-to-Current Converter:** Converts the processed temperature signal into a 4-20mA analog signal.
* **Load Resistance Support:** Designed to drive loads up to 550 $\Omega$.
---
## 3. Physical & Installation Features
* **Housing Material:** Flame-resistant resin (Black).
* **Connection:** M3 screw terminals (Nickel-plated steel).
* **Zero/Span Adjustment:** Front-facing potentiometers (Trimmers) allow for $\pm 5\%$ manual calibration adjustment.
* **Mounting:** Standard DIN rail mounting.
---
## 4. Summary Table of Operations
| Feature | Specification |
| :--- | :--- |
| **Accuracy** | $\pm 0.2\%$ of span |
| **Response Time** | $\leq 0.5$ seconds (0 – 90%) |
| **Isolation Resistance** | 100 M$\Omega$ or more at 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
- ⤷
How do I calibrate the zero and span settings on this specific model?
- ⤷ What are the wiring differences between a 2-wire and 3-wire RTD connection for this device?
- ⤷ Can the output be changed from 4-20mA to 0-10V in the field?