M2RTS-R-B2-M2/CE
AI

The **M2RTS-R-B2-M2/CE** is a high-precision, industrial-grade **Temperature Transmitter** (Signal Conditioner) typically manufactured by companies like **M-System**. It is designed to convert signals from a Resistance Temperature Detector (RTD) into a standard analog output.
---
### 1. Model Breakdown (Nomenclature)
The alphanumeric code represents specific hardware configurations:
| Component | Code | Description |
| :--- | :--- | :--- |
| **Series** | **M2RTS** | RTD Transmitter (Mini-M Series) |
| **Input** | **R** | RTD (Resistance Temperature Detector) |
| **Output** | **B** | 2 – 10V DC (Standard Voltage Output) |
| **Power Supply** | **2** | 100 – 240V AC |
| **Standard** | **M2** | Standard mounting/connection type |
| **Certification** | **CE** | European Conformity (Safety and EMC) |
---
### 2. Key Electronic Components & Functions
The device functions through a series of internal electronic stages:
#### A. Input Stage (Signal Conditioning)
* **Sensor Interface:** Designed for 3-wire RTDs (like Pt100). It includes a constant current source to excite the RTD.
* **Leadwire Compensation:** Uses a bridge circuit to cancel out the resistance of the wires leading to the sensor, ensuring only the temperature at the tip is measured.
#### B. Isolation Stage
* **Galvanic Isolation:** This unit features **three-way isolation** (Input to Output to Power).
* **Components:** This is achieved using optoisolators or transformer-based coupling to prevent ground loops and protect sensitive PLC/DCS equipment from high-voltage surges.
#### C. Conversion Stage (Processing)
* **Linearization:** Since RTD resistance changes are not perfectly linear with temperature, the internal circuitry applies a linearization algorithm to ensure the 2-10V output is proportional to the temperature scale.
* **Zero/Span Adjustments:** Accessible potentiometers on the front panel allow for fine-tuning the electronic calibration without specialized software.
---
### 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Pt 100 (ITS-90), JPt 100, etc. |
| **Output Signal** | 2 to 10 V DC (Load resistance $\ge$ 4000 $\Omega$) |
| **Accuracy** | $\pm$0.1% of span |
| **Isolation Resistance** | 100 M$\Omega$ at 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power) |
| **Response Time** | $\le$ 0.5 seconds (0 – 90%) |
---
### 4. Installation and Wiring
The device uses a **base socket** system for easy maintenance (plug-and-play).
1. **Terminals 1-3:** RTD Input (A, B, b).
2. **Terminals 4-5:** Analog Output (2-10V DC).
3. **Terminals 7-8:** Power Supply (100-240V AC).
---
- ⤷
How do you calibrate the Zero and Span on this specific model?
- ⤷ What is the difference between the M2RTS and the M2RS models?
- ⤷ Can this unit be used with a 4-wire RTD configuration?