M2RTS-R-D4-M2/UL
AI

The **M2RTS-R-D4-M2/UL** is a high-precision, plug-in type RTD (Resistance Temperature Detector) transmitter from the **M2 Series** by M-System. It is designed to convert signals from an RTD sensor into a standard industrial DC output signal.
### 1. General Specifications
The model name can be broken down to understand its core electronic capabilities:
| Component Code | Description |
| :--- | :--- |
| **M2RTS** | Model series (RTD Transmitter) |
| **R** | Power Input: 24V DC |
| **D4** | Input Signal: Pt 100 (ITS-90) |
| **M2** | Output Signal: 4 – 20 mA DC |
| **UL** | Certification: UL/C-UL Class I, Div 2 approved |
---
### 2. Key Electronic Features
#### A. Input Circuit (RTD Interface)
The device is designed to interface with a 3-wire RTD (typically Pt 100).
- **Burnout Protection:** It includes circuitry to detect a broken sensor wire. If a wire breaks, the output will typically go to an upscale limit (above 20mA) or downscale limit to alert the control system.
- **Excitation Current:** The transmitter provides a small, constant current to the RTD to measure resistance without causing significant self-heating.
#### B. Isolation Technology
This unit features **Three-way Isolation**:
1. **Input to Output**
2. **Input to Power**
3. **Output to Power**
*Electronic Significance:* This prevents ground loops, protects sensitive PLC/DCS inputs from high-voltage surges, and reduces electromagnetic interference (EMI).
#### C. Performance Characteristics
| Parameter | Specification |
| :--- | :--- |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Temperature Coefficient** | ±0.015% / °C |
| **Insulation Resistance** | 100 MΩ minimum with 500V DC |
---
### 3. Connection Diagram (Internal Logic)
```mermaid
graph LR
A[RTD Sensor] --> B(Input Circuit)
B --> C{Isolation Barrier}
C --> D(Signal Conditioning)
D --> E[4-20mA Output]
F[24V DC Power] --> C
```
---
### 4. Physical and Installation Aspects
- **Mounting:** DIN Rail plug-in base. This allows the electronic module to be replaced without disconnecting the field wiring.
- **Adjustments:** Zero and Span adjustments are located on the front panel, allowing for fine-tuning of the electronic output relative to the temperature input.
- **Housing:** Flame-resistant black resin.
- ⤷
How do I calibrate the Zero and Span on the M2RTS?
- ⤷ What is the maximum allowable loop resistance for the 4-20mA output?
- ⤷ Can this model be used with a 2-wire RTD instead of a 3-wire?