AI

The **M2RTS-S-3F-R** is a specific model of an electronic component, typically classified as a **Tactile Switch** or a micro-miniature push-button switch. These components are widely used in consumer electronics, automotive interfaces, and industrial controls.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic and physical characteristics:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit** | SPST (Single Pole Single Throw) |
| **Switch Function** | Off-Mom (Normally Open) |
| **Contact Rating** | 50mA @ 12VDC |
| **Operating Force** | 160gf to 260gf (Model dependent) |
| **Termination Style** | Gull Wing (R-Type) |
---
### 2. Breakdown of the Model Number
The part number identifies specific physical and electrical traits:
* **M2RTS**: Series designation (Micro-Miniature Right-Angle Tactile Switch).
* **S**: Refers to the "Surface Mount" mounting style.
* **3F**: Often indicates the physical dimensions of the actuator (height/length) or the specific force required to actuate.
* **R**: Generally signifies "Tape and Reel" packaging, used for automated pick-and-place assembly.
---
### 3. Electronic Architecture
The internal structure of the M2RTS-S-3F-R is designed for low-power signal switching rather than high-power loads.
* **Contact Material**: Usually silver-plated or gold-plated brass/copper. Silver provides excellent conductivity for low-voltage signals.
* **Tactile Feedback**: The switch utilizes a metal snap-dome. When pressed, the dome collapses to bridge the contacts, providing a "click" feel to the user.
* **Debouncing Necessity**: Like all mechanical switches, this part will experience "contact bounce." In digital circuits (like those using microcontrollers), a software or hardware debounce filter is required to prevent multiple trigger events from a single press.
---
### 4. Typical Applications
| Industry | Use Case |
| :--- | :--- |
| **Consumer Electronics** | Power buttons on cameras, volume controls on tablets. |
| **Automotive** | Dashboard buttons, key fobs, steering wheel controls. |
| **Medical Devices** | Interface buttons on portable monitoring equipment. |
| **Computing** | Reset switches on motherboards or peripheral buttons. |
---
- ⤷
What is the footprint size (dimensions) of the M2RTS-S-3F-R?
- ⤷ Does this switch require a specific soldering temperature profile for SMD assembly?
- ⤷ How many cycles is the mechanical life expectancy of this specific model?