M2RTS-S-43-R2/N
AI

The **M2RTS-S-43-R2/N** is a specific part number typically associated with the **M2RTS Series** of compact, high-precision remote terminal units or signal conditioners, often manufactured by companies like **M-System**.
This device is designed for industrial automation to monitor and transmit temperature or analog signals over a network or to a control system.
---
## 1. Part Number Breakdown
While specific manufacturer codes can vary slightly, here is the standard breakdown for this series:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2RTS** | Series Model | RTD Transmitter / Remote Terminal |
| **S** | Input Type | RTD (Resistance Temperature Detector) |
| **43** | Output Type | 4 to 20 mA DC (Standard Industrial Loop) |
| **R2** | Power Input | 100 – 240V AC (Standard Mains) |
| **N** | Standards/Options | Typically refers to CE marking or specific terminal types |
---
## 2. Key Electronic Specifications
The internal electronics are designed for high stability and interference rejection in harsh industrial environments.
* **Input Section:** Supports 3-wire RTDs (e.g., Pt100). It includes lead-wire resistance compensation to ensure accuracy over long distances.
* **Isolation:** Features 3-way isolation between **Input – Output – Power**. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges.
* **Output:** Linearized 4-20mA current loop. The electronics convert the non-linear resistance of the RTD into a linear current signal.
* **Accuracy:** Typically ±0.1% of span, ensuring high-fidelity data for process control.
---
## 3. Physical & Connection Layout
The device is usually housed in a "Mini-M" style plug-in socket base for easy DIN-rail mounting.
### Terminal Configuration Example
| Terminal No. | Function |
| :--- | :--- |
| **1 & 2** | Control Output (+) and (-) |
| **3 & 4** | Power Supply Input |
| **5, 6, 7** | RTD Input (A, B, b) |
---
## 4. Typical Applications
* **HVAC Systems:** Monitoring ambient or duct temperatures.
* **Manufacturing:** Measuring process heat in chemical or food processing.
* **Energy Management:** Relaying temperature data from remote sensors back to a centralized SCADA system.
---
- ⤷
What are the specific wiring requirements for a 3-wire RTD on this device?
- ⤷ Does this model support HART communication protocols?
- ⤷ What is the maximum allowable load resistance for the 4-20mA output?