M2RTS-S-4E-R2
AI

### Technical Overview: M2RTS-S-4E-R2
The **M2RTS-S-4E-R2** is a specific model within the M2 series of remote terminal units or signal converters, typically manufactured by **M-System**. This device is a compact, plug-in type signal conditioner designed to convert RTD (Resistance Temperature Detector) inputs into standard DC output signals.
---
### 1. Component Specifications
Below is a breakdown of the electronic and technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Input Signal** | RTD (typically Pt100, JPt100, etc.) |
| **Output Signal** | 4 to 20 mA DC |
| **Power Input** | 100 – 240V AC (Standard R2 configuration) |
| **Mounting** | Surface or DIN rail mounting |
| **Connection** | M3 screw terminals |
| **Isolation** | Input to output to power |
---
### 2. Electronic Architecture
The device consists of several key functional blocks:
* **Input Stage:** Features a constant current source to excite the RTD. It includes lead-wire resistance compensation to ensure accuracy over long distances.
* **Signal Conditioning:** Utilizes an amplifier and linearization circuit to convert the non-linear resistance change of the RTD into a linear voltage/current signal.
* **Isolation Barrier:** Uses optical or magnetic coupling to provide galvanic isolation (usually up to 2000V AC), protecting sensitive control equipment from field-side surges.
* **Power Supply Module:** An internal switching regulator that converts the AC line voltage into stabilized DC voltages for internal electronics.
---
### 3. Model Code Breakdown
The suffixing in the part number indicates specific electronic configurations:
1. **M2RTS:** Base model series (RTD Transmitter).
2. **S:** Direct Current Output (Standard).
3. **4E:** Specific Input/Output range (e.g., 4 = Pt 100 input; E = 4-20mA output).
4. **R2:** Power supply code (R2 typically denotes 100-240V AC universal power).
---
### 4. Implementation Example
When integrating this part into a control system, the wiring logic is as follows:
```mermaid
graph LR
A[RTD Sensor] -->|3-Wire| B(M2RTS-S-4E-R2)
B -->|4-20mA Loop| C[PLC / DCS Input]
D[100-240V AC] -->|Power| B
```
---
- ⤷
What are the specific temperature range limits for the Pt100 input on this model?
- ⤷ How do I perform a zero and span adjustment on the M2RTS?
- ⤷ What is the maximum load resistance supported by the 4-20mA output?