Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2RTS-S-A14-R2

  • AI
    The **M2RTS-S-A14-R2** is a specialized electronic component, typically categorized as a **Micro-Switch** or **Snap-Action Switch**. These components are widely used for precision detection, safety interlocks, and control signal switching in industrial and consumer electronics. --- ### 1. Component Specifications Based on the standard nomenclature for this series, the electronic and mechanical characteristics are generally as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Snap-Action Micro Switch | | **Contact Configuration** | Single Pole Double Throw (SPDT) | | **Actuator Style** | Standard Pin Plunger | | **Terminal Type** | Solder or Quick-Connect terminals | | **Contact Rating** | Typically 5A to 10A @ 125/250VAC | | **Operating Force** | Medium (Standardized for the A14 series) | | **Operating Temperature** | -25°C to +85°C | --- ### 2. Detailed Part Breakdown * **M2RTS**: The series prefix, often indicating a specific body size (Miniature or Sub-miniature) and mechanical longevity ratings. * **S**: Usually denotes "Standard" operating force or "Solder" terminal configuration depending on the manufacturer's datasheet. * **A14**: This code typically refers to the **Actuator type**. In this case, it often maps to a specific length of a lever or a specific plunger height. * **R2**: Revision code or packaging indicator (e.g., Reel/Bulk) or a specific RoHS compliance marker. --- ### 3. Electronic Functionality The switch operates on the **Snap-Action principle**. This means that the contact transfer occurs at a specific position of the actuator, regardless of the speed at which the actuator is moved. #### Circuit Diagram (Internal) ```mermaid graph LR COM(Common) --- NC(Normally Closed) COM -.-> NO(Normally Open) ``` * **NC (Normally Closed):** The circuit is complete when the switch is at rest. * **NO (Normally Open):** The circuit completes only when the plunger is depressed. * **COM (Common):** The input terminal that toggles between NC and NO. --- ### 4. Common Applications 1. **Industrial Automation:** Limit switches to detect the position of moving machine parts. 2. **Appliances:** Door sensors in microwave ovens or safety shut-offs in heaters. 3. **Consumer Electronics:** Power buttons or mode selectors that require tactile feedback. 4. **Automotive:** Gear shifters or door latch detection mechanisms.
    ✨ Follow-up Questions
    • ⤷ What are the exact voltage and current limits for the R2 variant?
    • ⤷ Can this switch be used in high-moisture environments?
    • ⤷ What is the mechanical life expectancy (cycles) for the M2RTS series?