M2RTS-S-AB-R/Q
AI

The **M2RTS-S-AB-R/Q** is a high-precision, programmable signal transducer (often referred to as a "Transmitter") manufactured by **M-System**. It is designed to convert DC input signals into standard industrial output signals while providing electrical isolation.
---
## 1. Core Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Model Series** | M2RTS (Super-mini Signal Conditioner) |
| **Input Type** | Programmable DC Input (Volts/Amps) |
| **Output Type** | Programmable DC Output (Volts/Amps) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN rail or Surface mount |
| **Configuration** | PC programmable or via on-device buttons |
---
## 2. Model Suffix Breakdown
The specific suffixes in **M2RTS-S-AB-R/Q** define the electronic hardware configuration:
* **S (Input Type):** High-speed response or specific sensitivity range (usually standard input selection).
* **AB (Power Supply):**
* **A:** 100 – 240V AC
* **B:** 24V DC (Note: In some M-System series, 'AB' refers to a universal power range or specific terminal block type).
* **R (Output Signal):** Typically indicates a specific output range or a Relay contact option depending on the exact sub-series.
* **Q (Option):** Indicates a "Special Order" or specific coating (e.g., Conformal coating for moisture/corrosion protection).
---
## 3. Electronic Components & Functionality
### A. Signal Conditioning Circuitry
The device uses a high-resolution **A/D Converter** to digitize the analog input. This allows for linearization and scaling via software before passing the signal through an **Optical Isolator**.
### B. Galvanic Isolation
To prevent ground loops and protect sensitive PLC/DCS equipment, the M2RTS employs **3-way isolation**:
1. **Input Circuit:** Protected against surges.
2. **Output Circuit:** Isolated from the input and power source.
3. **Power Supply:** Isolated to prevent noise injection from the mains.
### C. Programmable Parameters
Using the M-System "Configurator" software, the following can be adjusted:
* **Zero/Span:** Calibration offsets.
* **I/O Range:** Switching between 4-20mA, 0-10V, etc.
* **Filter Time Constant:** To smooth out noisy input signals.
---
## 4. Typical Wiring Diagram (Simplified)
```mermaid
graph LR
A[Input Sensor] --> B(M2RTS Transmitter)
B --> C[PLC / Controller]
D[Power Supply] --> B
```
---
- ⤷
What are the specific programming tools required to configure the M2RTS?
- ⤷ Can the M2RTS-S-AB-R/Q handle thermocouple or RTD inputs directly?
- ⤷ What is the standard isolation voltage rating for this model?