AI

The **M2RTS-S-AB-R2** is a specialized electronic component, typically classified as a **Platinum Resistance Thermometer (RTD) Transmitter** or a dedicated signal conditioner, often used in industrial automation for temperature monitoring.
---
### 1. Component Overview
This part is designed to convert temperature readings from a sensor (like a Pt100) into a standard industrial signal (like 4-20mA or 0-10V).
| Feature | Specification Details |
| :--- | :--- |
| **Type** | RTD Transmitter / Signal Conditioner |
| **Input Type** | RTD (usually Pt100, Pt1000, or similar) |
| **Output Range** | Analog (e.g., 4 to 20 mA DC or 0 to 10V DC) |
| **Mounting** | DIN Rail or Plug-in Base |
| **Configuration** | Field-configurable or Factory-set |
---
### 2. Key Electronic Characteristics
The device utilizes several internal stages to process the thermal signal:
* **Linearization circuitry:** RTD sensors are slightly non-linear. The M2RTS contains active circuitry to ensure the output is strictly proportional to the temperature.
* **Isolation:** Usually features galvanic isolation (Input to Output to Power) to prevent ground loops and protect PLC/DCS inputs from electrical surges.
* **Burnout Protection:** Includes an "Upscale" or "Downscale" burnout function. If the sensor wire breaks, the transmitter forces the output to a specific level to trigger an alarm.
* **Power Supply:** Generally operates on a wide range of DC power (e.g., 24V DC).
---
### 3. Pinout & Connectivity
Typically, these units follow a standardized wiring schematic:
| Pin/Terminal | Function | Description |
| :--- | :--- | :--- |
| **Input (+ / -)** | Sensor Terminals | Connects to the 2, 3, or 4-wire RTD probe. |
| **Output (+ / -)** | Signal Loop | Sends the conditioned signal to the controller. |
| **Power (L+ / N-)** | Auxiliary Power | Provides energy to the internal electronics. |
---
### 4. Application Context
The "AB" and "R2" suffixes in these part numbers often denote specific factory calibrations:
* **AB:** Often refers to a specific temperature range (e.g., 0°C to 100°C).
* **R2:** Typically indicates the revision or the specific power supply requirement (e.g., 24V DC).
- ⤷
What is the specific temperature range for the 'AB' configuration?
- ⤷ Does this model support 3-wire or 4-wire RTD connections?
- ⤷ What is the isolation voltage rating for the M2RTS series?