M2RTS-S-AE-R/UL
AI

The **M2RTS-S-AE-R/UL** is a high-precision, industrial-grade **Signal Conditioner (Transmitter)** manufactured by M-System. It is specifically designed to accept a resistance thermometer (RTD) input and convert it into a standardized isolated DC output signal.
Below is the detailed breakdown of its electronic components and specifications.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Input Type** | Resistance Thermometer (RTD) - typically Pt 100 or JPt 100 |
| **Output Type** | DC Voltage or Current (selectable via model code) |
| **Configuration** | **S:** Single Output |
| **Power Input** | **R:** 24V DC |
| **Standards** | **UL:** UL/C-UL Class I, Division 2 approval |
| **Isolation** | 3-way isolation (Input to Output to Power) |
---
### 2. Functional Block Diagram Components
The device operates through four primary electronic stages:
1. **Input Conditioning Stage:**
* Uses a 3-wire bridge circuit to compensate for lead wire resistance.
* Features **Burnout Protection**: A high-resistance pull-up/down circuit that forces the output to a safe state (max or min) if the RTD sensor wire breaks.
2. **Amplification & Linearization:**
* Since RTD resistance is not perfectly linear with temperature, the internal circuitry applies **Linearization** to ensure the output corresponds accurately to the temperature scale.
3. **Isolation Barrier:**
* Utilizes photocouplers or transformers to provide galvanic isolation. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side.
4. **Output Stage:**
* A precision operational amplifier (Op-Amp) drives the final DC signal (e.g., 4-20mA or 1-5V).
---
### 3. Electronic Features & Performance
* **Response Time:** Typically $\leq 0.5$ seconds (0 to 90%).
* **Temperature Coefficient:** $\pm 0.015\% / ^\circ\text{C}$ of max span, ensuring stability in fluctuating environments.
* **Dielectric Strength:** 2000V AC @1 minute (Input to Output to Power to Ground).
* **Zero/Span Adjustment:** Located on the front panel, these potentiometers allow for fine-tuning the calibration ($ \pm 5\%$ range).
---
### 4. Terminal Connections
The device typically uses a socket-type base for easy maintenance.
| Terminal | Function |
| :--- | :--- |
| **1 - 2 - 3** | RTD Input (A, B, B' terminals) |
| **4 - 5** | DC Output (+) and (-) |
| **7 - 8** | Power Supply (24V DC) |
---
- ⤷
What are the specific wiring requirements for the 3-wire RTD input to ensure lead wire compensation?
- ⤷ How does the 'AE' suffix in the model code specifically define the input temperature range?
- ⤷ Can this module be hot-swapped while the 24V DC power is active?