AI

The **M2RTS-S-DA-R/CE** is a high-precision, programmable signal transducer/transmitter manufactured by **M-System** (now part of MG CO., LTD). This specific model is part of the M2 Series and is designed to convert temperature signals from a Resistance Temperature Detector (RTD) into a standard DC output.
---
### ## Technical Specifications Breakdown
The alphanumeric code represents specific hardware configurations. Below is the breakdown of the electronic components and capabilities:
| Code Segment | Feature | Description |
| :--- | :--- | :--- |
| **M2RTS** | Model Series | RTD Transmitter (PC Programmable) |
| **S** | Configuration | Standard type (Single Output) |
| **DA** | Input Type | RTD (Pt 100, Pt 1000, Ni 508.4Ω, etc.) |
| **R** | Power Supply | 24V DC |
| **CE** | Certification | CE Marking (European Conformity) |
---
### ### Key Electronic Components & Functionality
#### 1. Input Section (Analog-to-Digital)
* **Sensor Support:** It typically interfaces with 3-wire or 4-wire RTDs (Pt 100).
* **A/D Converter:** High-resolution circuitry converts the analog resistance change into a digital signal for processing.
* **Burnout Protection:** Includes electronic logic to detect a broken wire in the RTD, forcing the output to a safe state (Upscale or Downscale).
#### 2. Processing Unit
* **Microprocessor:** Manages linearization. Since RTD resistance is not perfectly linear with temperature, the internal logic applies a mathematical curve to ensure high accuracy.
* **PC Programmable:** The "S" designation often implies that the range and RTD type can be configured via a PC interface (using M-System's configurator software).
#### 3. Output & Isolation
* **D/A Converter:** Converts the processed digital values back into an analog current or voltage signal.
* **Galvanic Isolation:** This is a critical electronic feature. The device provides 3-way isolation (Input to Output to Power).
* **Isolation Resistance:** Typically 100 MΩ or more.
* **Dielectric Strength:** Usually rated for 2000V AC for 1 minute.
---
### ### Connection Diagram (Typical)
```text
Power Supply: 24V DC (Terminal 4- & 5+)
Input: RTD Terminals (1, 2, 3)
Output: DC Signal (6+ & 7-)
```
### ### Electronic Advantages
* **Cold Junction Compensation:** While primarily for Thermocouples, the M2RTS focuses on **Leadwire Resistance Compensation** to ensure that the length of the wire between the sensor and the part does not affect the temperature reading.
* **Low Power Consumption:** Optimized for industrial cabinets, typically consuming less than 3W.
---
- ⤷How do I calibrate the M2RTS-S-DA-R/CE using a PC?
- ⤷ What are the specific wiring differences between a 3-wire and 4-wire RTD for this model?
- ⤷ What is the maximum output load resistance for the 4-20mA signal?