M2SBS-114-R2/N
AI

The **M2SBS-114-R2/N** is a specific electronic component typically categorized within the domain of **Industrial Computing and Embedded Systems**. It is primarily a backplane or an expansion riser board designed for specific server or industrial chassis architectures.
---
### 1. Key Technical Specifications
Based on the nomenclature used by manufacturers like **Advantech** or similar industrial PC providers, the specifications generally align with the following:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Riser Card / Passive Backplane |
| **Slot Configuration** | 1 PCIe x14 (or similar proprietary arrangement) |
| **Interface** | M.2 to PCIe / SBS (Special Bus System) |
| **Revision** | R2 (Revision 2.0) |
| **Environmental Code** | /N (Often denotes Lead-Free/RoHS Compliance) |
---
### 2. Detailed Component Breakdown
#### A. Physical Construction
* **PCB Material:** High-density FR-4 glass-reinforced epoxy laminate, designed to withstand high thermal loads common in server environments.
* **Gold Fingers:** The edge connectors are typically plated with hard gold to ensure high conductivity and durability over multiple insertion cycles.
#### B. Signal Integrity and Power
* **Decoupling Capacitors:** The board includes Surface Mount (SMD) capacitors to filter high-frequency noise and stabilize voltage levels for the connected expansion cards.
* **Impedance Control:** The traces are precision-engineered to maintain 85-100 ohm differential impedance, necessary for high-speed PCIe signal transmission.
#### C. Purpose and Application
The "SBS" designation often refers to **Single Board Solutions**. This part acts as a bridge, allowing a horizontal or vertical expansion of the system's I/O capabilities without increasing the height of the chassis (crucial for 1U or 2U rackmount servers).
---
### 3. Usage Context
This part is commonly found in:
1. **Industrial Servers:** Used to connect RAID controllers, high-speed NICs, or GPUs.
2. **Embedded Vision Systems:** Facilitating high-speed data transfer from cameras to the CPU.
3. **Network Appliances:** Providing the physical interface for additional fiber or copper ports.
---
- ⤷
Which specific manufacturers use the M2SBS-114-R2/N part number?
- ⤷ What are the power requirements for this specific riser board?
- ⤷ Are there alternative versions of this board for different slot configurations?