AI

The **M2SBS-211-R** is a specific part number belonging to a series of high-quality **miniature toggle switches**, typically manufactured by **Nidec Components (formerly Copal Electronics)**. These switches are widely used in industrial control panels, medical devices, and communication equipment due to their reliability and compact size.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and mechanical characteristics.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Miniature Toggle Switch |
| **Circuit Configuration** | DPDT (Double Pole, Double Throw) |
| **Switching Function** | ON - ON (Maintained) |
| **Contact Rating** | 6A @ 125VAC / 3A @ 250VAC / 4A @ 30VDC |
| **Contact Resistance** | 10 mΩ maximum |
| **Dielectric Strength** | 1,500V AC for 1 minute |
| **Insulation Resistance** | 1,000 MΩ minimum |
| **Electrical Life** | 25,000 to 50,000 cycles (load dependent) |
| **Operating Temp** | -20°C to +85°C |
---
### 2. Physical & Mechanical Properties
The "M2" series is known for its robust construction and specific terminal types.
* **Terminal Style:** The "R" suffix usually denotes **Right Angle PC terminals**. This means the switch is designed to be mounted on a Printed Circuit Board (PCB) horizontally.
* **Actuator:** Standard toggle lever, typically made of chrome-plated brass.
* **Bushing:** Threaded or plain, depending on the specific mounting bracket included (often 1/4-40 UNS or M6).
* **Sealing:** These units often feature an internal O-ring or epoxy-sealed base to prevent flux contamination during soldering.
---
### 3. Pinout and Circuit Logic (DPDT)
Since this is a **DPDT** switch with an **ON-ON** configuration, it has 6 terminals.
```text
[ Terminal 1 ] [ Terminal 4 ]
[ Terminal 2 ] [ Terminal 5 ] <-- Common Pins
[ Terminal 3 ] [ Terminal 6 ]
Position 1: 2-1 connected, 5-4 connected.
Position 2: 2-3 connected, 5-6 connected.
```
---
### 4. Key Applications
* **Industrial Automation:** Selecting between two modes of operation or two different power sources.
* **Test Equipment:** Signal routing in oscilloscopes or multimeters.
* **Audio Equipment:** Phase reversal or input switching.
* **Networking:** Manual hardware resets or configuration overrides.
---
- ⤷
What is the difference between the M2SBS and the standard M2T series?
- ⤷ Can this switch be used for high-frequency RF switching?
- ⤷ What are the recommended soldering temperatures for the M2SBS-211-R?