Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2SBS-211-R2SLASHCE

  • AI
    The **M2SBS-211-R2/CE** is a specific industrial-grade interface converter or signal isolator, typically manufactured by **M-System** (now part of MG CO., LTD). This device is part of the M2-UNIT series, designed for DIN-rail mounting in automation and control systems. ### 1. General Specifications The primary function of this unit is to convert a standard DC input signal into a proportional DC output signal while providing galvanic isolation. | Feature | Specification | | :--- | :--- | | **Model Series** | M2-UNIT (Mini-M Series) | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 100 – 240V AC (Standard for R2 suffix) | | **Isolation** | Input to output to power (3-way isolation) | | **Mounting** | DIN Rail | --- ### 2. Breakdown of the Model Number The alphanumeric code describes the internal electronic configuration: * **M2**: Series name (Plug-in Signal Conditioners). * **SBS**: Function code (Signal Transmitter/Isolator). * **2**: Output 1 (4 – 20 mA DC). * **1**: Output 2 (Not applicable or default for single output models). * **1**: Input (4 – 20 mA DC). * **R2**: Power Input (100 – 240V AC). * **CE**: Certification (Conforms to European Safety and EMC standards). --- ### 3. Key Electronic Components & Internal Architecture While the specific internal circuit is proprietary, these devices generally consist of the following electronic stages: #### A. Input Stage * **Shunt Resistor:** Converts the 4-20mA current loop into a voltage signal. * **Surge Absorbers:** Protects the internal circuitry from line spikes. #### B. Isolation Barrier * **Optical or Transformer Isolation:** This is the "heart" of the device. It uses an optocoupler or a high-frequency transformer to pass the signal across a physical gap, preventing ground loops and protecting sensitive PLC/DCS equipment from high-voltage surges. #### C. Power Supply Section * **Switching Regulator:** Converts the AC mains (100-240V) into stable DC voltages (usually ±15V or 5V) to power the internal op-amps and the isolation circuit. #### D. Output Stage * **Operational Amplifiers (Op-Amps):** Used for signal scaling and linearization. * **Current Driver:** A transistor-based circuit that ensures the 4-20mA signal remains accurate regardless of the load resistance (up to a specific limit, usually 550Ω). --- ### 4. Application Usage The M2SBS-211-R2 is commonly used in industrial environments to: 1. **Eliminate Ground Loops:** When the sensor and the controller are at different ground potentials. 2. **Signal Boosting:** To drive a signal over a long distance where the original loop power is insufficient. 3. **Equipment Protection:** To ensure that a failure in a field instrument does not damage the expensive I/O cards in a PLC. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the M2SBS output?
    • ⤷ Does this model support 24V DC power input instead of AC?
    • ⤷ How do I calibrate the zero and span settings on this specific unit?