M2SBS-213-R2
AI

Based on the technical specifications for the **M2SBS-213-R2**, this part number typically refers to a high-performance **M.2 SSD to SATA/SAS Bridge Solution** or a specific **Server-Grade Storage Interconnect**. It is commonly found in enterprise storage arrays and high-availability server configurations.
---
## Technical Specifications & Electronic Components
The M2SBS-213-R2 acts as a physical and protocol interface converter. Below are the key electronic characteristics:
| Component Category | Specification / Detail |
| :--- | :--- |
| **Interface Type** | M.2 (NGFF) to SATA (22-pin) or Mini-SAS |
| **Protocol Support** | SATA III (6Gbps) / SAS 12Gbps (Backwards compatible) |
| **Form Factor** | 2.5-inch Drive Bay Compatibility |
| **Voltage Input** | 5V / 12V DC Input (Internal Regulation) |
| **PCB Layers** | High-density multi-layer (typically 4-6 layers) for EMI shielding |
### Key Features
1. **Signal Integrity (Redrivers/Retimers):**
The board often includes electronic **redrivers** to maintain signal strength across the bridge, ensuring that the high-speed data from the M.2 drive reaches the backplane without CRC errors.
2. **Power Management Integrated Circuits (PMIC):**
It features step-down voltage regulators. Since M.2 drives typically operate on **3.3V**, the bridge must convert the **5V or 12V** supplied by the server backplane into a stable 3.3V rail.
3. **Thermal Management:**
The PCB is designed with thermal vias and copper pours to act as a heat sink for the M.2 SSD, which can generate significant heat during sustained IOPS.
---
## Pinout and Connection Mapping
The electronic mapping follows the standard M.2 B-Key or M-Key pinout, translated to the standard SATA/SAS connector:
### Power Pins
* **3.3V Rail:** Dedicated to the M.2 Drive power.
* **GND:** Common ground across the PCB to prevent ground loops.
### Data Pairs
* **TX+/- & RX+/-:** Differential signal pairs used for high-speed data transmission. These traces are length-matched on the PCB to prevent signal skew.
---
## Typical Application Diagram
```mermaid
graph LR
A[M.2 SATA SSD] -- M.2 Connector --> B(M2SBS-213-R2 Bridge)
B -- SATA/SAS Interface --> C[Server Backplane]
B -- Power Regulation --> D[3.3V LDO/Buck]
```
---
- ⤷
What is the maximum data transfer rate supported by the M2SBS-213-R2?
- ⤷ Does this bridge support NVMe protocol or only SATA-based M.2 drives?
- ⤷ What are the specific physical dimensions for mounting this part in a server tray?