M2SBS-414-R/N
AI

The **M2SBS-414-R/N** is a specialized precision mechanical component, typically categorized as a **Metric Self-Broaching Standoff**. These parts are essential in electronic packaging and PCB (Printed Circuit Board) manufacturing to provide secure mounting points, spacing, and grounding between components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers like PennEngineering (PEM) or similar high-end hardware providers.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | M2SBS | Metric Self-Broaching Standoff |
| **Thread Size** | M4 | 4.0 mm diameter metric thread |
| **Length (L)** | 14 | 14 mm standoff height |
| **Material** | R | Typically indicates Hardened Carbon Steel |
| **Finish** | N | Typically indicates Nickel Plated finish |
---
### 2. Electronic Applications
While the part is mechanical, its role in an electronic system is critical for several reasons:
* **PCB Spacing:** It maintains a precise 14mm gap between two PCBs or between a PCB and a metal chassis to prevent short circuits.
* **Grounding (EMI/RFI):** Because it is made of nickel-plated steel, it provides a low-resistance electrical path. This is used to ground the PCB to the enclosure to reduce electromagnetic interference.
* **Structural Integrity:** The "Self-Broaching" nature means the part is pressed into a non-ductile material (like a resin board or certain plastics/metals). The knurled shank "cuts" into the material to provide high torque-out and pull-out resistance.
---
### 3. Installation Mechanism
The M2SBS series is designed for "Press-In" installation.
1. **Hole Preparation:** A specific diameter hole is drilled or punched into the substrate.
2. **Broaching:** As the standoff is pressed in, the serrated teeth (knurls) cut into the surface of the hole.
3. **Cold Flow:** In some materials, the displaced material flows into the undercut of the standoff, locking it permanently in place.
---
### 4. Comparison with Standard PEM Standoffs
| Feature | Self-Broaching (M2SBS) | Standard Self-Clinching (SO) |
| :--- | :--- | :--- |
| **Substrate Compatibility** | Harder materials / Brittle boards | Ductile metals (Aluminum, Steel) |
| **Installation Method** | Broaching/Cutting | Displacement/Clinching |
| **Conductivity** | High (Nickel Plating) | Varies by finish |
- ⤷
What is the recommended hole diameter for an M4 self-broaching standoff?
- ⤷ How does nickel plating affect the solderability of this part?
- ⤷ Can these standoffs be used in automated pick-and-place assembly lines?