M2SBS-414-R2
AI

The **M2SBS-414-R2** is a specialized electronic component, typically categorized as a high-frequency, wideband RF (Radio Frequency) power splitter/combiner. These components are essential in telecommunications and signal processing to divide an input signal into multiple paths or combine multiple signals into one.
### 1. Technical Specifications
The following table outlines the typical characteristics for a part in this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | 4-Way Power Splitter/Combiner |
| **Configuration** | 0° Phase Shift |
| **Frequency Range** | Typically 5 MHz to 1000 MHz (Broadband) |
| **Impedance** | 75 Ohms (Common for CATV/Broadband) |
| **Insertion Loss** | ~0.8 dB to 1.5 dB (plus 6dB theoretical split loss) |
| **Isolation** | >20 dB (Port-to-Port) |
| **Package Type** | Surface Mount Device (SMD) |
---
### 2. Key Electronic Features
* **Broadband Performance:** Designed to handle a wide range of frequencies, making it suitable for cable TV (CATV), DOCSIS applications, and VHF/UHF communications.
* **Low Insertion Loss:** High-quality ferrite cores and precision winding ensure that the signal strength is preserved as much as possible during the split.
* **High Isolation:** Prevents feedback or interference between the output ports, which is critical for maintaining signal integrity in multi-device systems.
* **Amplitude/Phase Balance:** Ensures that the signal delivered to all four output ports is identical in magnitude and timing.
---
### 3. Functional Diagram Representation
In a 4-way splitter like the M2SBS-414-R2, the internal circuitry generally consists of a network of transformers and resistors.
```mermaid
graph LR
Input[Input Port] --> T1[Transformer 1]
T1 --> T2[Transformer 2]
T1 --> T3[Transformer 3]
T2 --> P1[Output 1]
T2 --> P2[Output 2]
T3 --> P3[Output 3]
T3 --> P4[Output 4]
```
### 4. Common Applications
1. **Broadband Distribution:** Distributing internet or cable TV signals to multiple rooms or modems.
2. **Signal Monitoring:** Tapping into a signal line to monitor performance without disrupting the main data flow.
3. **Antenna Arrays:** Combining signals from multiple antenna elements into a single receiver.
---
- ⤷What is the difference between a 2-way and 4-way splitter in terms of signal loss?
- ⤷ How do I calculate the return loss for this specific component?
- ⤷ What are the soldering temperature requirements for the M2SBS-414-R2?