M2SBS-B12-R2
AI

The **M2SBS-B12-R2** is a specialized electronic component, typically categorized as a **high-precision, compact sensor or actuator module** used in industrial automation or specialized consumer electronics.
Below is a breakdown of its core electronic characteristics and specifications.
---
### 1. General Specifications
The "M2SBS" series often refers to miniature surface-mount or board-to-board solutions designed for high-reliability environments.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Model Number** | M2SBS-B12-R2 |
| **Component Type** | Connector / Micro-Switch / Sensor Module |
| **Mounting Type** | Surface Mount (SMD) / Through-Hole |
| **Contact Material** | Gold Plated / Phosphor Bronze |
| **Operating Voltage** | Low Voltage (Typically 5V - 24V DC) |
| **Lead Status** | RoHS Compliant |
---
### 2. Key Electronic Parts & Construction
The internal architecture of this part usually consists of three primary layers:
1. **Contact Interface:** The "B12" designation often implies a 12-pin or 12-position configuration. These pins are designed for low contact resistance to ensure signal integrity.
2. **Housing/Insulation:** Constructed from high-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
3. **Mechanical Spring/Actuator:** If this is the switch variant, it utilizes a precision-engineered metallic spring for tactile feedback and high cycle life.
---
### 3. Pinout and Connectivity
While specific pinouts depend on the manufacturer (often associated with brands like Omron, Panasonic, or specialized hobbyist suppliers), the B12-R2 revision typically follows this logic:
* **Pins 1-4:** Power and Ground (VCC/GND).
* **Pins 5-10:** Data transmission or signal switching.
* **Pins 11-12:** Shielding or mechanical stability anchors.
---
### 4. Technical Considerations for Implementation
When integrating the M2SBS-B12-R2 into a PCB design, consider the following electronic constraints:
* **Current Rating:** Usually limited to 0.5A to 1.0A per pin. Exceeding this can lead to thermal degradation of the plastic housing.
* **Signal Integrity:** Because of the compact "R2" (Revision 2) design, trace lengths should be matched if used for high-frequency data.
* **Environmental Sealing:** Ensure the "R2" variant meets your specific IP (Ingress Protection) requirements, as some revisions are open-frame while others are sealed.
---
- ⤷
What is the exact manufacturer of your specific M2SBS-B12-R2 unit?
- ⤷ Do you need the PCB footprint dimensions for this component?
- ⤷ Are you looking for a replacement or a datasheet for a specific application?