M2SBS-C14-R
AI

The **M2SBS-C14-R** is a specific electronic component, typically categorized as a **Board-to-Board (B2B) or Mezzanine Connector**. These are widely used in compact electronics like laptops, smartphones, and industrial embedded systems to connect two printed circuit boards (PCBs) in a stacked configuration.
---
## 1. Technical Specifications
Below are the typical electronic and physical characteristics associated with this part number (based on standard M2 series mezzanine connector specifications):
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Receptacle (Female) |
| **Number of Positions** | 14 Pins |
| **Pitch (Spacing)** | 0.5mm to 0.8mm (Commonly 0.5mm) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Orientation** | Straight / Vertical |
| **Current Rating** | ~0.5A per contact |
| **Voltage Rating** | 50V AC/DC |
| **Stacking Height** | Variable (Depends on the mating plug) |
---
## 2. Key Electronic Components & Materials
The functionality of the M2SBS-C14-R is defined by its material composition:
* **Contacts (Pins):** Usually made of **Phosphor Bronze** or **Copper Alloy**. These are gold-plated (or gold flash) to ensure high conductivity and prevent oxidation over time.
* **Insulator Housing:** Made of **High-Temperature Thermoplastic** (like LCP - Liquid Crystal Polymer). This allows the part to withstand the high heat of lead-free reflow soldering processes.
* **Shielding/Reinforcement:** Often includes metallic "solder tabs" on the sides to provide mechanical strain relief, ensuring the connector doesn't snap off the board during vibration.
---
## 3. Pinout and Signal Integrity
The 14-pin configuration is designed for low-power signal transmission. In a typical application:
1. **Data Lines:** High-speed signals (like MIPI for cameras or low-speed I2C/SPI).
2. **Power/Ground:** Multiple pins are often assigned to Ground (GND) to reduce electromagnetic interference (EMI) and provide a stable return path for signals.
---
## 4. Common Applications
This part is generally found in:
* **Mobile Devices:** Connecting a secondary sensor board to the main logic board.
* **Wearables:** Connecting battery management systems to the display.
* **Industrial Modules:** Small-form-factor IoT sensors.
---
- ⤷
What is the exact mating plug part number for the M2SBS-C14-R?
- ⤷ What are the recommended reflow soldering temperature profiles for this connector?
- ⤷ Are there 3D CAD models (STEP files) available for PCB layout design?