Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2SBS-C1D-R/N

  • AI
    The **M2SBS-C1D-R/N** is a specific model within the M2SBS series of **Signal Conditioners** (Isolators) manufactured by **M-System** (now MG CO., LTD). These devices are used in industrial automation to convert, isolate, and transmit DC signals between field instruments and control systems (PLC/DCS). --- ### ## Technical Specifications Breakdown The model number "M2SBS-C1D-R/N" provides specific details regarding its electronic configuration: | Feature | Specification Code | Description | | :--- | :--- | :--- | | **Model Type** | **M2SBS** | Ultra-slim Signal Conditioner (Isolator) | | **Input Signal** | **C** | 1 – 5V DC | | **Output 1** | **1** | 4 – 20mA DC (Source output) | | **Output 2** | **D** | 0 – 20mV DC | | **Power Input** | **R** | 24V DC | | **Option** | **N** | None (Standard configuration) | --- ### ### Key Electronic Characteristics 1. **Triple Isolation**: The device provides galvanic isolation between the **Input**, **Output**, and **Power supply** circuits. This protects sensitive PLC/DCS components from ground loops, electrical surges, and common-mode noise. 2. **Conversion Accuracy**: * **Accuracy:** Typically ±0.1% of span. * **Temperature Coefficient:** ±0.015%/°C (±0.008%/°F). * **Response Time:** ≤ 0.5 seconds (0 – 90%). 3. **Circuit Protection**: * **Isolation Resistance:** 100 MΩ or more with 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground). 4. **Physical Interface**: The unit is designed for **M-System's M2 series**, featuring a plug-in base structure for easy maintenance without disconnecting wires. --- ### ### Typical Application Circuit The M2SBS-C1D-R/N is commonly used when a single voltage sensor signal (1-5V) needs to be sent to two different receivers that require different signal types (Current vs. Millivolt). ```mermaid graph LR A[Sensor: 1-5V DC] --> B(M2SBS-C1D) B --> C[PLC: 4-20mA] B --> D[Recorder/Display: 0-20mV] E[24V DC Power] --> B ``` --- ### ### Operational Warnings * **Load Resistance:** For the 4-20mA output, ensure the load resistance does not exceed **550Ω**. * **Mounting:** Designed for DIN rail mounting. Ensure adequate ventilation if multiple units are installed side-by-side to prevent heat buildup.
    ✨ Follow-up Questions
    • ⤷What is the maximum allowable load resistance for the 4-20mA output?
    • ⤷ Can this unit be powered by 110V AC instead of 24V DC?
    • ⤷ How do I perform a zero/span adjustment on this specific model?