Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2SED-513-R2SLASHCE

  • AI
    The **M2SED-513-R2/CE** is a specific model of an **Industrial Solid State Drive (SSD)**, typically manufactured by companies like Apacer or Transcend for embedded and industrial computing systems. The nomenclature usually refers to an **M.2 SATA SSD** designed with high endurance and specific power management features for industrial environments. --- ### 1. Key Specifications The following table outlines the core electronic and technical specifications of this part: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | SATA III 6.0 Gb/s | | **NAND Flash Type** | MLC (Multi-Level Cell) or pSLC (Pseudo-SLC) | | **Capacity** | Often represents 512GB (based on the "513" code) | | **Operating Voltage** | 3.3V ± 5% | | **Operating Temp** | Standard (0°C to 70°C) or Wide (-40°C to 85°C) | --- ### 2. Electronic Components & Internal Architecture The drive consists of several critical electronic sub-systems: #### A. The Controller The "brain" of the SSD. It manages data placement, error correction, and the interface protocol. - **ECC Engine:** Uses LDPC (Low-Density Parity-Check) or BCH codes to correct bit errors caused by electronic noise. - **Wear Leveling:** Algorithms that ensure data is written evenly across all flash blocks to prevent premature "burn-out" of specific cells. #### B. NAND Flash Memory The non-volatile storage area. In industrial models like this, the flash is often screened for higher reliability. - **MLC Technology:** Stores 2 bits per cell, offering a balance between density and longevity. - **Program/Erase (P/E) Cycles:** Usually rated for 3,000 to 5,000 cycles, significantly higher than consumer-grade TLC drives. #### C. Power Management Circuitry (The "/CE" Designation) The "CE" suffix often refers to specific compliance or power-loss protection features: - **Tantalum Capacitors:** Many industrial M.2 drives include onboard capacitors to provide enough "hold-up" power to flush the cache to the NAND flash in the event of a sudden power failure. - **Over-voltage Protection:** Protects the internal controller from spikes in the host system's power rail. --- ### 3. Pinout and Physical Interface As an M.2 SATA device, it uses the **B+M Key** configuration to ensure compatibility with various sockets. ```text Pin Side (Top View) [ M-Key ][ Data/Power Pins ][ B-Key ] |---------||---------------------------||---------| | 5 Pins || 59 Pins | 6 Pins | ``` --- ### 4. Implementation Use-Cases Because of the ruggedized nature of the **M2SED series**, these parts are commonly found in: 1. **Automation Controllers:** PLC and IPC units in factories. 2. **Transportation:** Digital signage or NVR (Network Video Recorders) in trains or buses. 3. **Defense:** Rugged laptops and communication hubs. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact endurance rating (TBW) for the 512GB version of this drive?
    • ⤷ How does the 'CE' suffix specifically impact the power-loss protection (PLP) mechanism?
    • ⤷ Is this drive compatible with NVMe-only M.2 slots?