M2SES-161-R/Q
AI

The **M2SES-161-R/Q** is a high-precision, industrial-grade inductive proximity sensor, typically manufactured by companies like **Contrinex** (or similar automation component providers). It is designed to detect the presence of metallic objects without physical contact.
Below is a detailed breakdown of its electronic parts, specifications, and operational characteristics.
---
## 1. Technical Specifications
This sensor belongs to the "Miniature" or "Small" series, often used in space-constrained robotics and assembly lines.
| Feature | Specification |
| :--- | :--- |
| **Housing Material** | Stainless Steel (typically V2A / AISI 303) |
| **Sensing Distance ($S_n$)** | 1.0 mm to 1.5 mm (model dependent) |
| **Operating Voltage** | 10 - 30 VDC |
| **Output Type** | PNP or NPN (depending on the 'Q' suffix) |
| **Switching Frequency** | Up to 3000 Hz - 5000 Hz |
| **Protection Rating** | IP67 (Water and Dust resistant) |
| **Connection Type** | PUR Cable or M8 Connector |
---
## 2. Internal Electronic Components
The device functions through a series of integrated electronic stages:
### A. The Oscillator (The "Heart")
The front end of the sensor contains an **LC Resonant Circuit** (Inductor and Capacitor).
- **Function:** It generates a high-frequency electromagnetic field that emanates from the sensing face.
- **The Coil:** A micro-wound copper coil creates the field that interacts with nearby metals.
### B. The Demodulator & Trigger Circuit
- **Eddy Currents:** When a metal object enters the field, "Eddy currents" are induced in the target, which draws energy from the oscillator.
- **Amplitude Detection:** The demodulator senses the drop in oscillation amplitude.
- **Schmitt Trigger:** This component converts the analog signal drop into a clean "On" or "Off" digital signal to prevent "chattering" (flickering).
### C. Output Stage (Transistor)
The final stage is a solid-state switching transistor:
- **PNP:** Switches the positive load (common in Europe).
- **NPN:** Switches the negative load (common in Asia/North America).
- **Protection:** Includes short-circuit and reverse polarity protection diodes to prevent damage from incorrect wiring.
---
## 3. Wiring Configuration
Standard M2SES sensors typically use a 3-wire system:
```mermaid
graph LR
A[Brown: +VDC] --- B(Sensor)
C[Blue: 0V/GND] --- B
D[Black: Signal/Load] --- B
```
---
## 4. Key Applications
* **Position Sensing:** Detecting the "Home" position of a small CNC axis.
* **Counting:** High-speed counting of metallic gears or bolts on a conveyor.
* **Speed Monitoring:** Measuring RPM by sensing a rotating notched metal disc.
- ⤷
What is the difference between the 'R' and 'Q' suffixes in this part number?
- ⤷ How does the sensing distance change if the target is aluminum instead of steel?
- ⤷ Can this sensor be used in high-temperature environments?